Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 5 Page - Analog Devices

  ADF4401ABCEZ Datasheet HTML 1Page - Analog Devices ADF4401ABCEZ Datasheet HTML 2Page - Analog Devices ADF4401ABCEZ Datasheet HTML 3Page - Analog Devices ADF4401ABCEZ Datasheet HTML 4Page - Analog Devices ADF4401ABCEZ Datasheet HTML 5Page - Analog Devices ADF4401ABCEZ Datasheet HTML 6Page - Analog Devices ADF4401ABCEZ Datasheet HTML 7Page - Analog Devices ADF4401ABCEZ Datasheet HTML 8Page - Analog Devices ADF4401ABCEZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 5 of 39
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CALIBRATION PLL SPECIFICATIONS
When used as internal PLL for frequency tuning,
PLL and charge pump specifications do not apply
when used as VCO only
REFP and REFN Characteristics
Input Frequency
10
500
MHz
Input Sensitivity
Single-Ended Mode
0.4
AVDD
V p-p
REFP biased at AVDD/2, ac coupling ensures
AVDD/2 bias
Differential Mode
0.4
1.8
V p-p
Low voltage differential signal (LVDS) and low
voltage positive emitter coupled logic (LVPECL)
compatible, REFP and REFN biased at 2.1 V, ac
coupling ensures 2.1 V bias
CIN
Single-Ended Mode
6.9
pF
Differential Mode
1.4
pF
Input Current
±150
µA
Single-ended reference programmed
300
µA
Differential reference programmed
Phase Detector Frequency
125
MHz
CHARGE PUMP (CALIBRATION ONLY)
Charge Pump Current (ICP), Sink and
Source
High Value
5.6
mA
Low Value
0.35
mA
VCO CHARACTERISTICS
VCO Frequency
4
8
GHz
Fundamental VCO Phase Noise
Performance
VCO noise in open-loop conditions
−117
dBc/Hz
100 kHz offset from 4.0 GHz carrier
−139
dBc/Hz
1 MHz offset from 4.0 GHz carrier
−156
dBc/Hz
10 MHz offset from 4.0 GHz carrier
−162
dBc/Hz
100 MHz offset from 4.0 GHz carrier
−112
dBc/Hz
100 kHz offset from 5.7 GHz carrier
−136
dBc/Hz
1 MHz offset from 5.7 GHz carrier
−153
dBc/Hz
10 MHz offset from 5.7 GHz carrier
−161
dBc/Hz
100 MHz offset from 5.7 GHz carrier
−109
dBc/Hz
100 kHz offset from 8.0 GHz carrier
−133
dBc/Hz
1 MHz offset from 8.0 GHz carrier
−152
dBc/Hz
10 MHz offset from 8.0 GHz carrier
−162
dBc/Hz
100 MHz offset from 8.0 GHz carrier
VTUNE Input Range
1.2
2.75
V
VCO 3 dB Tuning Port Bandwidth
100
MHz
INTEGRATED RMS JITTER (100 Hz to
100 MHz)1
9
fs
8 GHz output, includes LO_IN and REF_PFD noise
1
RF8N = 6.5 GHz, LO_IN = 6 GHz, and the reference to external PFD (REF_PFD) = 500 MHz. SMA100B is used as both the LO_IN signal and the REF_PFD signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com