Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 7Page - Analog Devices ADF4401ABCEZ Datasheet HTML 8Page - Analog Devices ADF4401ABCEZ Datasheet HTML 9Page - Analog Devices ADF4401ABCEZ Datasheet HTML 10Page - Analog Devices ADF4401ABCEZ Datasheet HTML 11Page - Analog Devices ADF4401ABCEZ Datasheet HTML 12Page - Analog Devices ADF4401ABCEZ Datasheet HTML 13Page - Analog Devices ADF4401ABCEZ Datasheet HTML 14Page - Analog Devices ADF4401ABCEZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 11 of 39
0
2
4
6
8
10
12
14
16
18
20
0
200
400
600
800
1000
1200
1400
IF FREQUENCY (MHz)
Figure 13. Maximum IF Output Power vs. IF Frequency
0
5
10
15
20
25
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
RF FREQUENCY (GHz)
HIGH INTERNAL RF POWER
LOW INTERNAL RF POWER
Figure 14. IF Output Power vs. RF Frequency for Different LO_IN Frequencies
0
–140
–120
–100
–80
–60
–40
–20
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
Figure 15. IFOUT to RF8N Feedthrough
0
–140
–120
–100
–80
–60
–40
–20
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
Figure 16. LO_IN to RF8N Feedthrough
0
5
10
15
20
25
30
1
2
3
4
5
6
7
8
OUTPUT FREQUENCY (GHz)
Figure 17. RMS Jitter vs. Output Frequency
0
5
10
15
20
25
30
0
100
200
300
400
500
600
700
800
900
1000
IF FREQUENCY (MHz)
RF < LO = 6GHz
RF < LO = 6.6GHz
RF < LO = 8.8GHz
RF > LO = 6.6GHz
Figure 18. RMS Jitter vs. IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com