Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 13Page - Analog Devices ADF4401ABCEZ Datasheet HTML 14Page - Analog Devices ADF4401ABCEZ Datasheet HTML 15Page - Analog Devices ADF4401ABCEZ Datasheet HTML 16Page - Analog Devices ADF4401ABCEZ Datasheet HTML 17Page - Analog Devices ADF4401ABCEZ Datasheet HTML 18Page - Analog Devices ADF4401ABCEZ Datasheet HTML 19Page - Analog Devices ADF4401ABCEZ Datasheet HTML 20Page - Analog Devices ADF4401ABCEZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 17 of 39
SPI Stream Mode
The ADF4401A supports stream mode, where data bits are
loaded to or read from registers serially without writing the
register address (instruction word). Stream mode is useful in
time critical applications when a large amount of data must be
transferred or when some registers must be updated repeatedly.
The slave device starts reading or writing data to this address
and continues as long as CS is asserted and single-byte writes
are not enabled (Bit 7 in the REG0001 register). The slave device
automatically increments or decrements the address depending
on the setting of the address ascension bit (Bit 2 in the REG0000
register).
The instruction header starts with a Logic 0 to indicate a write
sequence and addresses the register. Then, the data for registers
(N, N − 1, and N − 2) are loaded consecutively without any
assertion in CS.
The registers are organized into eight bits, and if a register
requires more than eight bits, sequential register addresses are
used. This organization enables using stream mode and simplifies
loading. For example, FRAC1WORD is stored in the REG0017,
REG0016, REG0015, and REG0014 registers (MSB to LSB).
These registers can be loaded by using the REG0016 register
and sending the whole 24-bit data afterward, as shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com