Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 4Page - Analog Devices ADF4401ABCEZ Datasheet HTML 5Page - Analog Devices ADF4401ABCEZ Datasheet HTML 6Page - Analog Devices ADF4401ABCEZ Datasheet HTML 7Page - Analog Devices ADF4401ABCEZ Datasheet HTML 8Page - Analog Devices ADF4401ABCEZ Datasheet HTML 9Page - Analog Devices ADF4401ABCEZ Datasheet HTML 10Page - Analog Devices ADF4401ABCEZ Datasheet HTML 11Page - Analog Devices ADF4401ABCEZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 8 of 39
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
1
TEST1
2
MUXOUT
3
GND
4
REFP
5
REFN
6
GND
7
VCC_PLL
8
CPOUT
9
GND 10
VCC_CAL 11
VTUNE 12
DCL_BIAS 13
VCC_VCO 14
VCC_VCO 15
GND 16
GND 17
GND 18
GND 19
GND 20
GND
41
GND
42
GND
43
GND
44
GND
45
GND
46
GND
47
GND
48
LO_IN
49
GND
50
GND
51
X2_EN
52
VCC_MIX
53
VCC_MIX
54
GND
55
GND
56
GND
57
GND
58
VCC_RF
59
GND
60
PIN 1
IDENTIFIER
NOTES
1. THE LAND GRID ARRAY (LGA) HAS AN EXPOSED PAD THAT MUST BE SOLDERED TO A
METAL PLATE ON THE PCB FOR MECHANICAL REASONS AND TO GND.
TOP VIEW
(Not to Scale)
ADF4401A
Figure 6. Pin Configuration, Top View
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 7, 10, 16 to 25, 28, 30 to 33, 36
to 48, 50, 51, 55 to 58, 60, 61, 63,
64, 65, 67, 69, 73, 80
GND
Ground. Tie all ground pins together.
2
TEST1
Internal Test Pin. Tie to GND.
3
MUXOUT
Multiplexer Output. The MUXOUT pin allows the digital lock detect for the calibration
PLL and scaled RF to be externally accessible. The MUXOUT pin can be programmed to
output the register settings in 4-wire SPI mode.
5
REFP
Reference Input. The signal at REFP is used as a reference for the calibration PLL.
6
REFN
Complementary Reference Input. If unused, ac couple the REFN pin to GND.
8
VCC_PLL
Analog Power Supply. The VCC_PLL pin ranges from 3.15 V to 3.45 V.
9
CPOUT
Charge Pump Output. When enabled, this output provides ±ICP to the external loop
filter. The output of the loop filter is connected to VTUNE to drive the internal VCO.
11
VCC_CAL
Power Supply for Internal Calibration Monitor Circuit. The voltage on the VCC_CAL pin
ranges from 3.15 V to 3.45 V. VCC_CAL must have the same value as AVDD, nominally 3.3 V.
12
VTUNE
Control Input to the VCO. This voltage determines the output frequency and is derived
from filtering the CPOUT output voltage.
13
DCL_BIAS
Internal Compensation Node for VCO Noise Roll-Off. Internally, the DCL_BIAS pin is
connected with 100 nF to GND, but larger capacitors to GND can be added if required.
14, 15
VCC_VCO
Power Supply for the VCO. The voltage on the VCC_VCO pin ranges from 4.75 V to
5.25 V. Place decoupling capacitors to the analog ground plane as close to the
VCC_VCO pin as possible. For optimal performance, this supply must be clean and
have low noise.
26, 27
VCC_IF2
5 V Supply to the IF Amplifier Connected to the IFOUT Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com