Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 28Page - Analog Devices ADF4401ABCEZ Datasheet HTML 29Page - Analog Devices ADF4401ABCEZ Datasheet HTML 30Page - Analog Devices ADF4401ABCEZ Datasheet HTML 31Page - Analog Devices ADF4401ABCEZ Datasheet HTML 32Page - Analog Devices ADF4401ABCEZ Datasheet HTML 33Page - Analog Devices ADF4401ABCEZ Datasheet HTML 34Page - Analog Devices ADF4401ABCEZ Datasheet HTML 35Page - Analog Devices ADF4401ABCEZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 32 of 39
Address: 0x2F, Default: 0x92, Name: REG002F
Res erved.
Res erved.
Res erved.
0
0
1
1
2
0
3
0
4
1
5
0
6
0
7
1
[7:5] RESERVED
[2:0] ALC_REF_DAC_NOM_VCO4 (R/W)
[4] ALC_RECT_SELECT_VCO4 (R/W)
[3] ALC_REF_DAC_LO_VCO4 (R/W)
Table 33. Bit Descriptions for REG002F
Bit(s)
Bit Name
Description
Default
Access
[7:5]
RESERVED
Reserved. Set to 0x4 for normal operation.
0x4
R/W
4
ALC_RECT_SELECT_VCO4
Reserved.
0x1
R/W
3
ALC_REF_DAC_LO_VCO4
Reserved.
0x0
R/W
[2:0]
ALC_REF_DAC_NOM_VCO4
Reserved.
0x2
R/W
Address: 0x30, Default: 0x3F, Name: REG0030
Sets the Autocalibration Tim e per
Stage.
0
1
1
1
2
1
3
1
4
1
5
1
6
0
7
0
[7:0] VCO_BAND_DIV (R/W)
Table 34. Bit Descriptions for REG0030
Bit(s)
Bit Name
Description
Default
Access
[7:0]
VCO_BAND_DIV
Sets the Autocalibration Time per Stage. See the VCO Calibration Time section for
details.
0x3F
R/W
Address: 0x31, Default: 0xA7, Name: REG0031
Us ed as Part of the ALC Wait Tim e
and Synthetic Lock Tim e.
0
1
1
1
2
1
3
0
4
0
5
1
6
0
7
1
[7:0] TIMEOUT[7:0] (R/W)
Table 35. Bit Descriptions for REG0031
Bit(s)
Bit Name
Description
Default
Access
[7:0]
TIMEOUT[7:0]
Used as Part of the ALC Wait Time and Synthetic Lock Time. See the VCO Calibration Time
section for details.
0xA7
R/W
Address: 0x32, Default: 0x04, Name: REG0032
ADC Mux Select.
Us ed as Part of the ALC Wait Tim e
and Synthetic Lock Tim e.
ADC Enable.
ADC Fas t Convers ion.
Enables ADC Convers ion.
ADC Continuous Convers ion.
0
0
1
0
2
1
3
0
4
0
5
0
6
0
7
0
[7] ADC_MUX_SEL (R/W)
[1:0] TIMEOUT[9:8] (R/W)
[6] RESERVED
[2] ADC_ENABLE (R/W)
[5] ADC_FAST_CONV (R/W)
[3] ADC_CONVERSION (R/W)
[4] ADC_CTS_CONV (R/W)
Table 36. Bit Descriptions for REG0032
Bit(s)
Bit Name
Description
Default
Access
7
ADC_MUX_SEL
ADC Mux Select.
0x0
R/W
0: proportional to absolute temperature (PTAT) voltage muxed to ADC input.
1: scaled VTUNE voltage muxed to ADC input.
6
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com