Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 108Page - STMicroelectronics STM32H723VG Datasheet HTML 109Page - STMicroelectronics STM32H723VG Datasheet HTML 110Page - STMicroelectronics STM32H723VG Datasheet HTML 111Page - STMicroelectronics STM32H723VG Datasheet HTML 112Page - STMicroelectronics STM32H723VG Datasheet HTML 113Page - STMicroelectronics STM32H723VG Datasheet HTML 114Page - STMicroelectronics STM32H723VG Datasheet HTML 115Page - STMicroelectronics STM32H723VG Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 227 page
background image
Electrical characteristics
STM32H723xE/G
112/227
DS13313 Rev 2
6.3.11
PLL characteristics
The parameters given in Table 38, Table 41 are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 12: General operating
conditions.
Table 38. PLL1 characteristics (wide VCO frequency range)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
2
-
16
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_P_OUT
PLL multiplier output clock P
VOS0
1.5
-
550(2)
MHz
VOS1
1.5
-
400(2)
VOS2
1.5
-
300(2)
VOS3
1.5
-
170(2)
fVCO_OUT
PLL VCO output
-
192
-
836(3)
tLOCK
PLL lock time
Normal mode
15
50
150(3)
µs
Sigma-delta mode (CKIN
≥
8 MHz)
25
65
170
Jitter
Cycle-to-cycle jitter(4)
fPLL_OUT =
fVCO_OUT/100
fVCO_OUT
= 192 MHz
-51
-
ps
fVCO_OUT
= 400 MHz
-19
-
fVCO_OUT
= 560 MHz
-10
-
fVCO_OUT
= 800 MHz
-9
-
Period jitter
fVCO_OUT
= 192 MHz
-38
-
fVCO_OUT
= 560 MHz
-8
-
fVCO_OUT
= 800 MHz
-7
-
Long term jitter
Normal mode
(CKIN = 2 MHz)
fVCO_OUT
= 192 MHz
-0.15
-
fVCO_OUT
= 400 MHz
-0.14
-
fVCO_OUT
= 832 MHz
-0.16
-
Sigma-delta
mode (CKIN =
16 MHz)
fVCO_OUT
= 192 MHz
-0.17
-
fVCO_OUT
= 500 MHz
-0.08
-
fVCO_OUT
= 836 MHz
-0.06
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com