Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 111Page - STMicroelectronics STM32H723VG Datasheet HTML 112Page - STMicroelectronics STM32H723VG Datasheet HTML 113Page - STMicroelectronics STM32H723VG Datasheet HTML 114Page - STMicroelectronics STM32H723VG Datasheet HTML 115Page - STMicroelectronics STM32H723VG Datasheet HTML 116Page - STMicroelectronics STM32H723VG Datasheet HTML 117Page - STMicroelectronics STM32H723VG Datasheet HTML 118Page - STMicroelectronics STM32H723VG Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 227 page
background image
DS13313 Rev 2
115/227
STM32H723xE/G
Electrical characteristics
208
3. Guaranteed by characterization results.
4. Integer mode only.
Table 41. PLL2 and PLL3 characteristics (medium VCO frequency range)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
1
-
2
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_OUT
PLL multiplier output clock
P, Q, R
VOS0
1.17
-
210
MHz
VOS1
1.17
-
210
-
VOS2
1.17
-
210
-
VOS3
1.17
-
200
-
fVCO_OUT PLL VCO output
-
150
-
420
-
tLOCK
PLL lock time
Normal mode
-
60
100(2)
µs
Sigma-delta mode
forbidden
Jitter
Cycle-to-cycle jitter(3)
fVCO_OUT = 150 MHz
-
145
-
±ps
fVCO_OUT = 200 MHz
-
91
-
fVCO_OUT = 400 MHz
-
64
-
fVCO_OUT = 420 MHz
-
63
-
Period jitter
fPLL_OUT =
50 MHz
fVCO_OUT =
150 MHz
-55-
±ps
fVCO_OUT = 400 MHz
-
30
-
Long term jitter
Normal mode
fVCO_OUT =
400 MHz
-±0.3-
%
IDD(PLL)
PLL power consumption on
VDD
fVCO_OUT =
420 MHz
VDD
-
440
1150
µA
VCORE
-530
-
fVCO_OUT =
150 MHz
VDD
-
180
500
VCORE
-200
-
1. Guaranteed by design unless otherwise specified.
2. Guaranteed by characterization results.
3. Integer mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com