Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 110Page - STMicroelectronics STM32H723VG Datasheet HTML 111Page - STMicroelectronics STM32H723VG Datasheet HTML 112Page - STMicroelectronics STM32H723VG Datasheet HTML 113Page - STMicroelectronics STM32H723VG Datasheet HTML 114Page - STMicroelectronics STM32H723VG Datasheet HTML 115Page - STMicroelectronics STM32H723VG Datasheet HTML 116Page - STMicroelectronics STM32H723VG Datasheet HTML 117Page - STMicroelectronics STM32H723VG Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 227 page
background image
Electrical characteristics
STM32H723xE/G
114/227
DS13313 Rev 2
1. Guaranteed by design unless otherwise specified.
2. Guaranteed by characterization results.
3. Integer mode only.
Table 40. PLL2 and PLL3 characteristics (wide VCO frequency range)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
2
-
16
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_OUT
PLL multiplier output clock P,
Q, R
VOS0
1.5
-
550(2)
MHz
VOS1
1.5
-
400(2)
VOS2
1.5
-
300(2)
VOS3
1.5
-
170(2)
fVCO_OUT PLL VCO output
-
192
-
960(3)
tLOCK
PLL lock time
Normal mode
-
50
150(3)
µs
Sigma-delta mode (fPLL_IN
≥ 8 MHz)
-58
166(3)
Jitter
Cycle-to-cycle jitter(4)
fVCO_OUT = 192 MHz
-
134
-
±ps
fVCO_OUT = 200 MHz
-
134
-
fVCO_OUT = 400 MHz
-
76
-
fVCO_OUT = 800 MHz
-
39
-
Long term jitter
Normal
mode
(fPLL_IN =
2 MHz)
fVCO_OUT =
560 MHz
-±0.2
-
%
Normal
mode
(fPLL_IN =
16 MHz)
fVCO_OUT =
560 MHz
-±0.8
-
Sigma-delta
mode
(fPLL_IN =
2 MHz)
fVCO_OUT =
560 MHz
-±0.2
-
Sigma-delta
mode
(fPLL_IN =
16 MHz)
fVCO_OUT =
560 MHz
-±0.8
-
IDD(PLL)(3) PLL power consumption
fVCO_OUT =
836 MHz
VDD
-
590
1500
µA
VCORE
-720
-
fVCO_OUT =
192 MHz
VDD
-180
600
VCORE
-280
-
1. Guaranteed by design unless otherwise specified.
2. This value must be limited to the maximum frequency due to the product limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com