Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 9Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 10Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 11Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 12Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 13Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 14Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 15Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
8
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)
5.1.5 R4 (RAM Select Register)
Bits 7 ~ 6 are general-purpose read/write bits.
See the Data Memory Configuration in Figure 5-3.
5.1.6 R5 ~ R6 (Port 5 ~ Port 6)
R5 and R6 are I/O registers.
Only the lower 4 bits of R5 are available.
The upper 4 bits of R5 are fixed to 0.
P63 is input only.
5.1.7 RF (Interrupt Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
EXIF
ICIF
TCIF
Note: “ 1 ” means with interrupt request
“ 0 ” means no interrupt occurs
Bits 7 ~ 3:
Not used.
Bit 2 (EXIF): External Interrupt Flag. Set by a falling edge on /INT pin, reset by
software.
Bit 1 (ICIF): Port 6 input status changed interrupt flag. Set when Port 6 input changes,
reset by software.
Bit 0 (TCIF): TCC Overflow Interrupt Flag. Set when TCC overflows, reset by
software.
RF can be cleared by instruction but cannot be set.
IOCF is the interrupt mask register.
NOTE
The result of reading RF is the "logic AND" of RF and IOCF.
5.1.8 R10 ~ R2F
These are all 8-bit general-purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com