Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EM78P152S Datasheet HTML 1Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 2Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 3Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 4Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 7Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Contents
iv
•
Product Specification (V1.8) 09.08.2009
5.8
Code Option Register....................................................................................... 26
5.8.1
Code Option Register (Word 0) ........................................................................26
5.9
Power-on Considerations ................................................................................. 28
5.10 Programmable Oscillator Set-up Time ............................................................. 28
5.11 External Power-on Reset Circuits..................................................................... 28
5.12 Residue-Voltage Protection .............................................................................. 29
5.13 Instruction Set .................................................................................................. 30
6
Absolute Maximum Ratings........................................................................ 33
7
Electrical Characteristics............................................................................ 33
7.1
DC Characteristics ........................................................................................... 33
7.2
AC Characteristics............................................................................................ 34
8
Timing Diagrams ......................................................................................... 35
APPENDIX
A
Package Type............................................................................................... 36
B
Package Information ................................................................................... 37
C
Device Characteristics ................................................................................ 40
Specification Revision History
Doc. Version
Revision Description
Date
1.1
Initial version
1.2
Changed the Initialized Register Values, Internal RC Drift
Rate, DC and AC Electrical Characteristic
2003/05/02
1.3
Changed the Power-on reset contents
2003/06/25
1.4
Added the Device Characteristic at Section 6.3
2003/12/31
1.5
Added the IRC drift rate in the Features section
2006/01/16
1.6
Added EM78P152S SSOP 10-pin Package
2007/03/30
1.7
1. Modified the EM78P152S 10-pin SSOP Package name
2. Added Ceramic Resonators in the Oscillator section
3. Modified the contents of the Program Counter section
4. Modified the contents of IOCC in the Special Function
Register
2009/01/12
1.8
1. Modified Section 5.12 Residue-Voltage Protection
2009/09/08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com