Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 9Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 10Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 11Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 12Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 13Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 14Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 15Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 16Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.8) 09.08.2009
• 9
(This specification is subject to change without further notice)
5.2 Special Function Registers
5.2.1 A (Accumulator)
Internal data transfer operation, or instruction operand holding usually involves the
temporary storage function of the Accumulator, which is not an addressable register.
5.2.2 CONT (Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
/INT
TS
TE
PAB
PSR2
PSR1
PSR0
Bit 7:
Not used
Bit 6 (/INT): Interrupt enable flag
0 : masked by DISI or hardware interrupt
1 : enabled by ENI/RETI instructions
Bit 5 (TS): TCC signal source
0 : internal instruction cycle clock, P62 is a bidirectional I/O pin
1 : transition on TCC pin
Bit 4 (TE): TCC Signal Edge
0 : increment if the transition from low to high takes place on TCC pin
1 : increment if the transition from high to low takes place on TCC pin
Bit 3 (PAB): Prescaler Assigned Bit
0 : TCC
1 : WDT
Bit 2 ~ Bit 0 (PSR2 ~ PSR0) TCC/WDT prescaler bits
PSR2
PSR1
PSR0
TCC Rate
WDT Rate
0
0
0
1:2
1:1
0
0
1
1:4
1:2
0
1
0
1:8
1:4
0
1
1
1:16
1:8
1
0
0
1:32
1:16
1
0
1
1:64
1:32
1
1
0
1:128
1:64
1
1
1
1:256
1:128
The CONT register is both readable and writable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com