Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 34Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 35Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 36Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 37Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 38Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 39Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 40Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 41Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
34
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ISB1
Power down current
All input and I/O pins at VDD,
Output pin floating,
WDT disabled
-
-
1
μA
ISB2
Power down current
All input and I/O pins at VDD,
Output pin floating,
WDT enabled
-
-
10
μA
ICC1
Operating supply current
at two clocks (VDD=3V)
/RESET= 'High', Fosc=32kHz
(Crystal type, CLKS="0"),
Output pin floating,
WDT disabled
15
15
30
μA
ICC2
Operating supply current
at two clocks (VDD=3V)
/RESET= 'High', Fosc=32kHz
(Crystal type, CLKS="0"),
Output pin floating,
WDT enabled
-
19
35
μA
ICC3
Operating supply current
at two clocks (VDD=5.0V)
/RESET= 'High', Fosc=4 MHz
(Crystal type, CLKS="0"),
Output pin floating
-
-
2.0
mA
ICC4
Operating supply current
at two clocks (VDD=5.0V)
/RESET= 'High', Fosc=10 MHz
(Crystal type, CLKS="0"),
Output pin floating
-
-
4.0
mA
Note: *
These parameters are theoretical values and have not been tested.
7.2 AC Characteristics
Ta=25°C, VDD=5V
± 5%, VSS=0V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Dclk
Input CLK duty cycle
-
45
50
55
%
Crystal type
100
-
DC
ns
Tins
Instruction cycle time
(CLKS="0")
RC type
500
-
DC
ns
Ttcc
TCC input period
-
(Tins+20)/N
*
-
-
ns
Tdrh
Device reset hold time
Ta = 25
°C, TXAL,
SUT1, SUT0=1, 1
17.6-30%
17.6
17.6+30%
ms
Trst
/RESET pulse width
Ta = 25
°C
2000
-
-
ns
*Twdt1 Watchdog timer period
Ta = 25
°C
SUT1, SUT0=1,1
17.6~30%
17.6
17.6+30%
ms
*Twdt2 Watchdog timer period
Ta = 25
°C
SUT1, SUT0=1,0
4.5+30%
4.5
4.5+30%
ms
*Twdt3 Watchdog timer period
Ta = 25
°C
SUT1, SUT0=0,1
288~30%
288
288+30%
ms
*Twdt4 Watchdog timer period
Ta = 25
°C
SUT1, SUT0=0,0
72~30%
72
72+30%
ms
Tset
Input pin setup time
-
-
0
-
ns
Thold
Input pin hold time
-
-
20
-
ns
Tdelay Output pin delay time
Cload=20pF
-
50
-
ns
Note:
These parameters are theoretical values and have not been tested.
The Watchdog Timer duration is determined by Option Code (Bit 6, Bit 5)
*N = selected prescaler ratio
*Twdt1: The Option word (SUT1, SUT0) is used to define the oscillator set-up time. In Crystal mode the WDT
time-out length is the same as set-up time (18 ms).
*Twdt2: The Option word (SUT1, SUT0) is used to define the oscillator set-up time. In Crystal mode the WDT
time-out length is the same as set-up time (4.5 ms).
*Twdt3: The Option word (SUT1, SUT0) is used to define the oscillator set-up time. In Crystal mode the WDT
time-out length is the same as set-up time (288 ms).
*Twdt4: The Option word (SUT1, SUT0) is used to define the oscillator set-up time. In Crystal mode the WDT
time-out length is the same as set-up time (72 ms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com