Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 12Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 13Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 14Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 15Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 16Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 17Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 18Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 19Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
12
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)
5.2.8 IOCF (Interrupt Mask Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
EXIE
ICIE
TCIE
Bits 7~3:
Not used
Individual interrupt is enabled by setting its associated control bit in the
IOCF to "1".
Global interrupt is enabled by the ENI instruction and is disabled by the
DISI instruction. Refer to Figure 9.
Bit 2 (EXIE): EXIF interrupt enable bit
0 : disable EXIF interrupt
1 : enable EXIF interrupt
Bit 1 (ICIE):
ICIF interrupt enable bit
0 : disable ICIF interrupt
1 : enable ICIF interrupt
Bit 0 (TCIE): TCIF interrupt enable bit
0 : disable TCIF interrupt
1 : enable TCIF interrupt
The IOCF register is both readable and writable.
5.3 TCC/WDT and Prescaler
There is an 8-bit counter available as prescaler for the TCC or WDT. The prescaler is
available for the TCC only or the WDT only at the same time and the PAB bit of the
CONT register is used to determine the prescaler assignment. The PSR0~PSR2 bits
determine the ratio. The prescaler is cleared each time the instruction is written to TCC
under TCC mode. The WDT and prescaler, when assigned to WDT mode, are cleared
by the “WDTC” or “SLEP” instructions. Figure 5-4 depicts the circuit diagram of
TCC/WDT.
R1 (TCC) is an 8-bit timer/counter. The TCC clock source can be internal or
external clock input (edge selectable from TCC pin). If the TCC signal source is
from an internal clock, TCC will be incremented by 1 at every instruction cycle
(without prescaler). Referring to Figure 5-4, CLK=Fosc/2 or CLK=Fosc/4,
depends on the Code Option bit CLK. CLK=Fosc/2 is used if CLK bit is "0", and
CLK=Fosc/4 is used if CLK bit is "1". If the TCC signal source is from an external
clock input, TCC is incremented by 1 at every falling edge or rising edge of the
TCC pin.
The watchdog timer is a free running on-chip RC oscillator. The WDT will keep
running even when the oscillator driver has been turned off (i.e. in sleep mode).
During normal operation or sleep mode, a WDT time-out (if enabled) will cause the
device to reset. The WDT can be enabled or disabled any time during normal
mode by software programming. Refer to WDTE bit of the IOCE register. Without
prescaler, the WDT time-out period is approximately 18 ms1 (default).
1
Note: Vdd = 5V, set up time period = 16.5ms ± 30%
Vdd = 3V, set up time period = 18ms ± 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com