Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 16Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 17Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 18Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 19Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 20Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 21Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 22Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 23Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
16
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)
Table 5-1 Usage of Port 6 Input Change Wake-up/Interrupt Function
Usage of Port 6 Input Status Change Wake-up/Interrupt
(I) Wake-up from Port 6 Input Status Change
(II) Port 6 Input Status Change Interrupt
(a) Before Sleep
1. Read I/O Port 6 (MOV R6,R6)
1. Disable WDT
2. Execute “ENI”
2. Read I/O Port 6 (MOV R6,R6)
3. Enable interrupt (Set IOCF.1)
3. Execute "ENI" or "DISI"
4. IF Port 6 change (interrupt)
4. Enable interrupt (Set IOCF.1)
→ Interrupt vector (008H)
5. Execute "SLEP" instruction
(b) After Wake-up
1. IF "ENI"
→ Interrupt vector (008H)
2. IF "DISI"
→ Next instruction
5.5 Reset and Wake-up
5.5.1 Reset
A Reset is initiated by one of the following events:
1) Power-on reset
2) /RESET pin input "low"
3) WDT time-out (if enabled)
The device is kept under reset condition for a period of approximately 18ms
2
(one
oscillator start-up timer period) after a reset is detected. Once a Reset occurs, the
following functions are performed:
The oscillator is running, or will be started.
The Program Counter (R2) is set to all "0."
All I/O port pins are configured as input mode (high-impedance state)
The Watchdog timer and prescaler are cleared.
When power is switched on, the upper 3 bits of R3 are cleared.
The bits of the CONT register are set to all "1" except for Bit 6 (INT flag).
The bits of the IOCB register are set to all "1."
The IOCC register is cleared.
The bits of the IOCD register are set to all "1."
Bit 7 of the IOCE register is set to "1," and Bits 4 and 6 are cleared.
Bits 0 ~ 2 of RF and Bits 0 ~ 2 of IOCF registers are cleared.
2 Vdd = 5V, set up time period = 16.8ms ± 30%
Vdd = 3V, set up time period = 18ms ± 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com