Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 27Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 28Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 29Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 30Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 31Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 32Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 33Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 34Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.8) 09.08.2009
• 27
(This specification is subject to change without further notice)
Bit 7 (CS):
Code Security Bit
0 : Security On
1 : Security Off
Bit 6 and Bit 5 (SUT1 and SUT0): Set-up Time of device bits.
Table 5-10
Set-up Time of Device Programming
SUT1
SUT0
*Set-up Time
1
1
18 ms
1
0
4.5 ms
0
1
288 ms
0
0
72 ms
* Theoretical values, for reference only
Bit 4 (Type): Type selection for EM78P152/3S
Type
Series
0
EM78P152/3S
1
×
Bit 3 (RCOUT): Selection bit of Oscillator output or I/O port
RCOUT
Pin Function
0
P64
1
OSCO
Bits 2~ 0 (C2~C 0): Calibrator of internal RC mode Bit 3
C2, C1, C0 must be set to “1” only.
Code Option Register (Word 1)
Word 1
Bit 1
Bit 0
RCM1
RCM0
Bit 1 and Bit 0 (RCM1, RCM0): RC mode selection bits
RCM 1
RCM 0
*Frequency (MHz)
1
1
4
1
0
8
0
1
1
0
0
455kHz
* Theoretical values, for reference only
Customer ID Register (Word 2)
Bit 12~Bit 0
XXXXXXXXXXXXX
Bits 12~ 0: Customer’s ID code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com