Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 11Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 12Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 13Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 14Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 15Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 16Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 17Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 18Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.8) 09.08.2009
• 11
(This specification is subject to change without further notice)
5.2.6 IOCD (Pull-high Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
/PH7
/PH6
/PH5
/PH4
-
/PH2
/PH1
/PH0
Bit 7 (/PH7): Control bit is used to enable pull-high of the P67 pin.
0 : Enable internal pull-high
1 : Disable internal pull-high
Bit 6 (/PH6): Control bit used to enable pull-high of the P66 pin.
Bit 5 (/PH5): Control bit used to enable pull-high of the P65 pin.
Bit 4 (/PH4): Control bit used to enable pull-high of the P64 pin.
Bits 3:
Not used
Bit 2 (/PH2): Control bit used to enable pull-high of the P62 pin.
Bit 1 (/PH1): Control bit used to enable pull-high of the P61 pin.
Bit 0 (/PH0): Control bit used to enable pull-high of the P60 pin.
The IOCD Register is both readable and writable.
5.2.7 IOCE (WDT Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WDTE
EIS
-
-
-
-
-
-
Bit 7 (WDTE): Control bit used to enable the Watchdog timer.
0 : Disable WDT
1 : Enable WDT
Bit 6 (EIS):
Control bit is used to define the function of P60 (/INT) pin.
0 : P60, bidirectional I/O pin.
1 : /INT, external interrupt pin. In this case, the I/O control bit of P60
(Bit 0 of IOC6) must be set to "1."
When EIS is "0," the path of /INT is masked. When EIS is "1," the status
of /INT pin can also be read by way of reading Port 6 (R6). See Figure
5-6 under Section 5.4 for reference.
EIS is both readable and writable.
WDTE is both readable and writable.
Bits 5~ 0:
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com