Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 26Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 27Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 28Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 29Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 30Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 31Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 32Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 33Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
26
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)
5.8 Code Option Register
The EM78P152/3S has a Code Option word that is not a part of the normal program
memory. The option bits cannot be accessed during normal program execution.
Code Option Register and Customer ID Register Arrangement Distribution:
Word 0
Word 1
Word 2
Bit 12 ~ Bit 0
Bit 12 ~ Bit 0
Bit 12 ~ Bit 0
5.8.1 Code Option Register (Word 0)
Word 0
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3 Bit 2 Bit 1 Bit 0
/RESET /ENWDT
CLKS
OSC1
OCS0
CS
SUT1
SUT0
TYPE RCOUT C2
C1
C0
Bit 12 (/RESET):
Define Pin 7 as a reset pin
0 : /RESET enable
1 : /RESET disable
Bit 11 (/ENWTD):
Watchdog timer enable bit
0 : Enable
1 : Disable
NOTE
This bit must be enabled and the WDTE register (IOCE reg. Bit 6) must be disabled
when Port 6 pin change wake-up function is used.
Bit 10 (CLKS):
Instruction period option bit.
0 : two oscillator periods
1 : four oscillator periods
Refer to the Instruction Set section.
Bit 9 and Bit 8 (OSC1 and OSC0): Oscillator Modes Selection bits.
Table 5-9 Oscillator Modes defined by OSC1 and OSC0
Mode
OSC1
OSC0
IRC (Internal RC oscillator mode)
1
1
ERC (External RC oscillator mode)
1
0
HXT (High Crystal oscillator mode)
0
1
LXT (Low Crystal oscillator mode)
0
0
Note:
The transient point of system frequency between HXT and LXY is 400kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com