Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 24Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 25Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 26Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 27Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 28Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 29Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 30Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 31Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
Table 5-6 Capacitor Selection Guide for Crystal Oscillator or Ceramic Resonator
Oscillator Type
Frequency Mode
Frequency
C1 (pF)
C2 (pF)
455kHz
100~150
100~150
2.0 MHz
20~40
20~40
Ceramic Resonators
HXT
4.0 MHz
10~30
10~30
32.768kHz
25
15
100kHz
25
25
LXT
200kHz
25
25
455kHz
20~40
20~150
1.0 MHz
15~30
15~30
2.0 MHz
15
15
Crystal Oscillator
HXT
4.0 MHz
15
15
Note:
The values of capacitors C1 and C2 are for reference only
5.7.3 External RC Oscillator Mode
For some applications that do not require a very precise timing calculation, the RC
oscillator (Figure 5-13) offers a cost-effective oscillator configuration. Nevertheless, it
should be noted that the frequency of the RC oscillator is influenced by the supply
voltage, the values of the resistor (Rext), the capacitor (Cext), and even by the
operation temperature. Moreover, the frequency also changes slightly from one chip to
another due to manufacturing process variations.
In order to maintain a stable system frequency, the values of the Cext should not be
less than 20pF, and that the value of Rext should not be greater than 1 M
Ω. If they
cannot be kept in this range, the frequency can be easily affected by noise, humidity,
and leakage.
The smaller the Rext in the RC oscillator is, the faster its frequency will be. On the
contrary, for very low Rext values, for instance, 1 K
Ω, the oscillator becomes unstable
because the NMOS cannot discharge the current of the capacitance correctly.
Based on the above reasons, it must be kept in mind that all of the supply voltage, the
operation temperature, the components of the RC oscillator, the package types, the
way the PCB is layout, will affect the system frequency.
OSCI
EM 78P153S
Vcc
Rext
Cext
Figure 5-13 External RC Oscillator Mode Circuit
24
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com