Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 40Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 41Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 42Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 43Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 44Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 45Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 46Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 47Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
C
Device Characteristics
The graphs provided in the following pages were derived based on a limited number of
samples and are shown here for reference only. The device characteristics illustrated
herein are not guaranteed for its accuracy. In some graphs, the data maybe out of the
specified warranted operating range.
Vih/Vil (Input pins with Schmitt Inverter)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Vdd (Volt)
Figure C-1 Vih, Vil of P60~P63, P66, P67 vs. VDD
Vih max (-40°C to 85°C)
Vih typ 25°C
Vih min (-40°C to 85°C)
Vil max (-40°C to 85°C)
Vil typ 25°C
Vil min (-40°C to 85°C)
Vth (Input Thershold Voltage) of I/O pins
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.5
3
3.5
4
4.5
5
5.5
VDD (Volt)
Max (-40℃ to 85℃)
Typ 25℃
Min(-40℃ to 85℃)
Figure C-2 Vth (Threshold voltage) of P50~P53, P64~P65 vs. VDD
40
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com