Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 30Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 31Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 32Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 33Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 34Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 35Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 36Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 37Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
30
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)
5.13 Instruction Set
Each instruction in the instruction set is a 13-bit word divided into an OP code and one
or more operands. Normally, all instructions are executed within one single instruction
cycle (one instruction consists of two oscillator periods), unless the program counter is
changed by instruction "MOV R2,A", "ADD R2,A", or by instructions of arithmetic or
logic operation on R2 (e.g., "SUB R2,A", "BS(C) R2,6", "CLR R2",
⋅⋅⋅⋅). In this case, the
execution takes two instruction cycles.
If for some reasons, the specification of the instruction cycle is not suitable for certain
applications, try modifying the instruction as follows:
A) Modify one instruction cycle to consist of four oscillator periods.
B) "JMP," "CALL," "RET," "RETL," "RETI," or the conditional skip ("JBS," "JBC," "JZ,"
"JZA," "DJZ,” "DJZA") commands which were tested to be true, are executed within
two instruction cycles. The instructions that are written to the program counter also
take two instruction cycles.
Case (A) is selected by the Code Option bit, called CLK. One instruction cycle consists
of two oscillator clocks if CLK is low; and four oscillator clocks if CLK is high.
Note that once the four oscillator periods within one instruction cycle is selected as in
Case (A), the internal clock source to TCC should be CLK=Fosc/4, instead of Fosc/2.
Moreover, the instruction set has the following features:
1) Every bit of any register can be set, cleared, or tested directly.
2) The I/O register can be regarded as general register. That is, the same instruction
can operate on I/O register.
The following symbols are used in the Instruction Set table:
Convention:
R
= Register designator that specifies which one of the registers (including operation and general purpose
registers) is to be utilized by the instruction.
Bits 6 and 7 in R4 determine the selected register bank.
b
= Bit field designator that selects the value for the bit located in the register R and which affects the
operation.
k
= 8 or 10-bit constant or literal value
Binary Instruction
Hex
Mnemonic
Operation
Status Affected
0 0000 0000 0000
0000
NOP
No Operation
None
0 0000 0000 0001
0001
DAA
Decimal Adjust A
C
0 0000 0000 0010
0002
CONTW
A
→ CONT
None
0 0000 0000 0011
0003
SLEP
0
→ WDT, Stop oscillator
T, P
0 0000 0000 0100
0004
WDTC
0
→ WDT
T, P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com