Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 13Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 14Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 15Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 16Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 17Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 18Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 19Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 20Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
5.4 I/O Ports
The I/O registers, both Port 5 and Port 6, are bidirectional tri-state I/O ports. Port 6 can
be pulled-high internally by software except P63. In addition, Port 6 can also have
open-drain output by software except P63. Input status changed interrupt (or wake-up)
function is available from Port 6. P50 ~ P52 and P60 ~ P62 pins can be pulled-down by
software. Each I/O pin can be defined as "input" or "output" pin by the I/O control
register (IOC5 ~ IOC6) except P63. The I/O registers and I/O control registers are both
readable and writable. The I/O interface circuits for Port 5 and Port 6 are shown in
Figure 5-5, Figure 5-6 and Figure 5-7 respectively.
Data Bus
TCC
Pin
CLK (Fosc/2 or Fosc/4)
0
1
M
U
X
M
U
X
1
0
SYNC
2 cycles
TCC (R1)
TE
TS
PAB
TCC Overflow Interrupt
PAB
PAB
0
1
M
U
X
WDT
WDTE
(in IOCE)
MUX
WDT Time Out
8-bit Counter
8-to-1 MUX
PSR0~PSR2
01
Figure 5-4 TCC and WDT Block Diagram
Product Specification (V1.8) 09.08.2009
• 13
(This specification is subject to change without further notice)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com