Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 25Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 26Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 27Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 28Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 29Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 30Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 31Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 32Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.8) 09.08.2009
• 25
(This specification is subject to change without further notice)
Table 5-7
RC Oscillator Frequencies
Cext
Rext
Average Fosc
5V, 25
°C
Average Fosc
3V, 25
°C
3.3k
3.92 MHz
3.65 MHz
5.1k
2.67 MHz
2.60 MHz
10k
1.4 MHz
1.40 MHz
20pF
100k
150kHz
156kHz
3.3k
1.4 MHz
1.33 MHz
5.1k
940kHz
917kHz
10k
476kHz
480kHz
100pF
100k
50kHz
52kHz
3.3k
595kHz
570kHz
5.1k
400kHz
384kHz
10k
200kHz
203kHz
300pF
100k
20.9kHz
20kHz
Note:
1: Measured based on DIP packages.
2: The values are for design reference only.
3: The frequency drift is ± 30%.
5.7.4 Internal RC Oscillator Mode
EM78P152/3S offers a versatile internal RC mode with default frequency value of
4MHz. The Internal RC oscillator mode has other frequencies (1MHz, 8MHz, &
455kHz) that can be set by Code Option (Word 1), RCM1, and RCM0. All these four
main frequencies can be calibrated by programming the Option Bits CAL0 ~ CAL2.
The table below describes the EM78P152/3S internal RC drift with variation of voltage,
temperature, and process.
Table 5-8 Internal RC Drift Rate (Ta=25°C, VDD=5V±5%, VSS=0V)
Drift Rate
Internal RC
Temperature
(0
°C~70°C)
Voltage
(2.3V~5.5V)
Process
Total
8 MHz
± 3%
± 5%
± 10%
± 18%
4 MHz
± 3%
± 5%
± 5%
± 13%
1 MHz
± 3%
± 5%
± 10%
± 18%
455kHz
± 3%
± 5%
± 10%
± 18%
Note:
These are theoretical values provided for reference only. Actual values may vary
depending on the actual process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com