Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 28Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 29Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 30Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 31Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 32Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 33Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 34Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 35Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
5.9 Power-on Considerations
Any microcontroller is not guaranteed to start to operate properly before the power
supply stabilizes at its steady state. Under customer application, when power is OFF,
Vdd must drop to below 1.8V and remains OFF for 10µs before power can be switched
ON again. This way, the EM78P152/3S will reset and operate normally. The extra
external reset circuit will work well if Vdd can rise at very fast speed (50 ms or less).
However, under most cases where critical applications are involved, extra devices are
required to assist in solving the power-up problems.
5.10 Programmable Oscillator Set-up Time
The Option word contains SUT0 and SUT1 which can be used to define the oscillator
set-up time. Theoretically, the range is from 4.5 ms to 72 ms. For most of crystal or
ceramic resonators, the lower the operation frequency, the longer the Set-up time may
be required. Table 12 describes the values of the Oscillator Set-up Time.
5.11 External Power-on Reset Circuits
The circuitry in the figure
implements an external RC
to produce the reset pulse.
The pulse width (time
constant) should be kept
long enough for Vdd to
reach minimum operation
voltage. This circuit is
used when the power
supply has a slow rise
time.
EM78P153S
/RESET
Vdd
D
R
Rin
C
Figure 5-14 External Power-up Reset Circuit
Since the current leakage from the /RESET pin is
± 5 μA, it is recommended that R
should not be greater than 40K. In this way, the /RESET pin voltage is held below 0.2V.
The diode (D) acts as a short circuit at the moment of power down. The capacitor C will
discharge rapidly and fully. Rin, the current-limited resistor, will prevent high current or
ESD (electrostatic discharge) from flowing to pin /RESET.
28
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com