Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EM78P152S Datasheet HTML 1Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 2Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 3Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 4Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 7Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.8) 09.08.2009
• 1
(This specification is subject to change without further notice)
1 General Description
The EM78P152/3S are 8-bit microprocessor designed and developed with low-power and
high-speed CMOS technology. The devices have on-chip 1024
×13-bit Electrical One Time
Programmable Read Only Memory (OTP-ROM). They provide a protection bit to prevent intrusion
of user’s OTP memory code. Fifteen Code option bits are also available to meet user’s
requirements.
With enhanced OTP-ROM features, the EM78P152/3S provides a convenient way of developing
and verifying user’s programs. Moreover, this OTP devices offer the advantages of easy and
effective program updates, using development and programming tools. You can avail of the ELAN
Writer to easily program your development code.
2 Features
CPU configuration
• 1K×13 bits on chip ROM
• 32×8 bits on-chip registers (SRAM,
general purpose)
• 5 level stacks for subroutine nesting
• Less than 1.5 mA at 5V/4MHz
• Typically 15 μA, at 3V/32kHz
• Typically 1 μA, during Sleep mode
I/O port configuration
• 2 bidirectional I/O ports : P5, P6
• 12 I/O pins
• Wake-up port : P6
• 6 Programmable pull-down I/O pins
• 7 programmable pull-high I/O pins
• 7 programmable open-drain I/O pins
• External interrupt : P60
Operating voltage range:
• OTP version: 2.3V~5.5V Operating voltage range:
Operating temperature range: 0~70
°C
Operating frequency range (base on 2 clocks):
• Crystal mode:
DC~20MHz/2clks @ 5V; DC~100ns inst. cycle @ 5V
DC~8MHz/2clks @ 3V; DC~250ns inst. cycle @ 3V
DC~4MHz/2clks @ 2.3V; DC~500ns inst. cycle @ 2.3V
• ERC mode:
DC~4 MHz/2clks @ 5V; DC~500ns inst. cycle @ 5V
DC~4 MHz/2clks @ 3V; DC~500ns inst. cycle @ 3V
DC~4 MHz/2clks @ 2.3V; DC~500ns inst. cycle @ 2.3V
• IRC mode:
Oscillation mode : 4MHz, 8MHz, 1MHz, 455kHz
Process deviation : Typ. ± 5.5%, Max ± 6%
Temperature deviation : ±10% (0°C~70°C )
The transient point of system frequency between
HXT and LXT is 400kHz.
Peripheral configuration
• 8-bit real time clock/counter (TCC) with
selective signal sources, trigger edges,
and overflow interrupt
Three available interrupts:
• TCC overflow interrupt
• Input-port status changed interrupt
(wake-up from sleep mode)
• External interrupt
Special features
• Programmable free running watchdog
timer
• Power saving Sleep mode
• Selectable Oscillation mode
Other features
• Programmable prescaler of oscillator
set-up time
• One security register to prevent intrusion
of user’s OTP memory code
• One configuration register to match
user’s requirement
Two clocks per instruction cycle
Package type:
• 14-pin DIP 300mil : EM78P153SP/S/J
• 14-pin SOP 150mil : EM78P153SN/S/J
• 10-pin SSOP 150mil: EM78P152SN/S/J
Note: These are all Green products
which do not contain hazardous
substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com