Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 43Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 44Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 45Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 46Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 47Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 48Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 49Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 50Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
Vol/Iol (VDD=3V)
0
10
20
30
40
50
60
00.5
11.5
22.5
3
Vol (Volt)
Max 0°C
Typ 25°C
Min 70°C
Figure C-8 Port 6.4 and Port 6.5 Vol vs. Iol, VDD=3V
WDT Time-out Period
10
15
20
25
30
35
23
4
56
VDD (Volt)
Max 70°C
Typ 25°C
Min 0°C
Figure C-9 WDT time-out period vs. VDD, Prescaler set to 1:1
Product Specification (V1.8) 09.08.2009
• 43
(This specification is subject to change without further notice)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com