Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 20Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 21Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 22Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 23Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 24Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 25Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 26Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 27Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
5.5.3 Status of RST, T, and P of the Status Register
A Reset condition is initiated by the following events
1) A power-on condition
2) A high-low-high pulse on /RESET pin
3) Watchdog timer time-out
The values of T and P listed in the table below are used to check how the processor
wakes up.
Table 5-2
Values of RST, T, and P after a Reset
Reset Type
RST
T
P
Power on
0
1
1
/RESET during Operating mode
0
*P
*P
/RESET wake-up during Sleep mode
0
1
0
WDT during Operating mode
0
0
*P
WDT wake-up during Sleep mode
0
0
0
Wake-up on pin change during Sleep mode
1
1
0
* P: Previous status before reset
The following table shows the events that may affect the status of T and P.
Table 5-3
Status of T and P Being Affected by Events
Event
RST
T
P
Power on
0
1
1
WDTC instruction
*P
1
1
WDT time-out
0
0
*P
SLEP instruction
*P
1
0
Wake-up on pin change during Sleep mode
1
1
0
* P: Previous status before reset
Voltage
Detector
Power-on
Reset
WDTE
Setup Time
VDD
DQ
CLK
CLR
CLK
RESET
WDT
Timeout
WDT
/RESET
Oscillator
Figure 5-9 Controller Reset Block Diagram
20
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com