Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P152S Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 10Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 11Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 12Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 13Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 14Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 15Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 16Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 17Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
10
•
Product Specification (V1.8) 09.08.2009
(This specification is subject to change without further notice)
5.2.3 IOC5 ~ IOC6 (I/O Port Control Register)
0 : defines the relative I/O pin as output
1 : puts the relative I/O pin into high impedance
Only the lower 4 bits of IOC5 are available to be defined.
IOC5 and IOC6 registers are both readable and writable.
5.2.4 IOCB (Pull-down Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
/PD6
/PD5
/PD4
-
/PD2
/PD1
/PD0
Bit 7:
Not used
0 : Enable internal pull-down
1 : Disable internal pull-down
Bit 6 (/PD6): Control bit used to enable pull-down of the P62 pin.
Bit 5 (/PD5): Control bit used to enable pull-down of the P61 pin.
Bit 4 (/PD4): Control bit used to enable pull-down of the P60 pin.
Bit 3:
Not used
Bit 2 (/PD2): Control bit used to enable pull-down of the P52 pin.
Bit 1 (/PD1): Control bit used to enable pull-down of the P51 pin.
Bit 0 (/PD0): Control bit used to enable pull-down of the P50 pin.
The IOCB Register is both readable and writable.
5.2.5 IOCC (Open-drain Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OD7
OD6
OD5
OD4
-
OD2
OD1
OD0
Bit 7 (OD7): Control bit used to enable open-drain of the P67 pin.
0 : Disable open-drain output
1 : Enable open-drain output
Bit 6 (OD6): Control bit used to enable open-drain of the P66 pin.
Bit 5 (OD5): Control bit used to enable open-drain of the P65 pin.
Bit 4 (OD4): Control bit used to enable open-drain of the P64 pin.
Bits 3:
Not used
Bit 2 (OD2): Control bit used to enable open-drain of the P62 pin.
Bit 1 (OD1): Control bit used to enable open-drain of the P61 pin.
Bit 0 (OD0): Control bit used to enable open-drain of the P60 pin.
The IOCC Register is both readable and writable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com