Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 39Page - Dialog Semiconductor AS3820 Datasheet HTML 40Page - Dialog Semiconductor AS3820 Datasheet HTML 41Page - Dialog Semiconductor AS3820 Datasheet HTML 42Page - Dialog Semiconductor AS3820 Datasheet HTML 43Page - Dialog Semiconductor AS3820 Datasheet HTML 44Page - Dialog Semiconductor AS3820 Datasheet HTML 45Page - Dialog Semiconductor AS3820 Datasheet HTML 46Page - Dialog Semiconductor AS3820 Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
43 of 52
05-Feb-2019
8.9 Timing Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SCLK frequency
fSCLK
0
10
MHz
xCS setup time
t1
50
ns
xCS hold time
t2
100
ns
xCS disable time
t3
100
ns
SDI setup time
t4
5
ns
SDI hold time
t5
5
ns
SCLK rise time
t6
5
ns
SCLK fall time
t7
5
ns
SCLK low time
t8
40
ns
SCLK high time
t9
40
ns
Output valid from SCLK low
t10
10
ns
SCLK falling to xCS rising edge
t11
50
ns
Figure 8.31 : PCB FR4, 1cm Distance from Ground
8.10 Thermal Characteristics QFN48
The thermal characteristics of the devices were measured at 25°C ambient temperature. The device was mounted on
a double sided FR4 PCB with the bottom layer used as cooling area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com