Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 30Page - Dialog Semiconductor AS3820 Datasheet HTML 31Page - Dialog Semiconductor AS3820 Datasheet HTML 32Page - Dialog Semiconductor AS3820 Datasheet HTML 33Page - Dialog Semiconductor AS3820 Datasheet HTML 34Page - Dialog Semiconductor AS3820 Datasheet HTML 35Page - Dialog Semiconductor AS3820 Datasheet HTML 36Page - Dialog Semiconductor AS3820 Datasheet HTML 37Page - Dialog Semiconductor AS3820 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
34 of 52
05-Feb-2019
8.4 Power Supply
8.4.1 Voltage Regulator V3_2
A build in linear voltage regulator provides 3.2V supply voltage for external devices at pin V3_2. A 2.2μF decoupling
capacitor should be connected to pin V3_2.
8.4.2 Interface Power Supply V3_2
Pin V3_2 supplies all digital inputs/outputs.
8.5 Safety Features
8.5.1 Temperature Shutdown
If “autotoff_ot” = 1 the outputs of the device are turned OFF when the die temperature reaches 140°C. If the die
temperature goes below 130°C the outputs are turned ON again.
8.5.2 Register Lock/Unlock
To prevent wrong writing to registers due to noise on the seria interface a lock/unlock mechanism is implemented.
Register 0x01, 0x02, 0x03, 0x04, 0x05, 0x06, 0x07, 0x0E, 0x0F, 0x10, 0x11, 0x12, 0x13, 0x63, 0x64, 0x65 belong to
Group1 and can only be written if Group1 is unlocked by the “LOCKUNLOCK”-byte (Reg: 0x36)
Register 0x0C, 0x0D, 0x14, 0x15, 0x61, 0x62 belong to Group2 and can only be written if Group2 is unlocked by the
“LOCKUNLOCK”-byte (Reg: 0x36)
The default value of the Groups is locked.
8.6 Dynamic Feedback Control
The output of pins “FB1” and “FB2” can be used to control any external power supply for best power efficiency.
Every power supply senses its output voltage with a resistive voltage divider. This voltage divider can be modified to
set the output voltage between a minimum output voltage VMIN and a maximum output voltage VMAX. The design of
the dynamic feedback control is done in 2 steps.
Step 1: Calculate resistors R1 in order to achieve the desired voltage range (VMAX – VMIN) with 255μA maximum
current DAC output.
Figure 8.13 : Step 1
VoutMAX – VoutMIN
R1 = _________________
255μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com