Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 41Page - Dialog Semiconductor AS3820 Datasheet HTML 42Page - Dialog Semiconductor AS3820 Datasheet HTML 43Page - Dialog Semiconductor AS3820 Datasheet HTML 44Page - Dialog Semiconductor AS3820 Datasheet HTML 45Page - Dialog Semiconductor AS3820 Datasheet HTML 46Page - Dialog Semiconductor AS3820 Datasheet HTML 47Page - Dialog Semiconductor AS3820 Datasheet HTML 48Page - Dialog Semiconductor AS3820 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
45 of 52
05-Feb-2019
9 Register Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
Default
Registers can only be written if
Group1 is UNLOCKED. Default = LOCKED
Registers can only be written if
Group2 is UNLOCKED. Default = LOCKED
0x00
Used for block writing
0x00
0x01
CUR_ON_1
curr_8
curr_7
curr_6
curr_5
curr_4
curr_3
curr_2
curr_1
0x00
0x02
CUR_ON_2
curr_16
curr_15
curr_14
curr_13
curr_12
curr_11
curr_10
curr_9
0x00
0x03
FAULT_1
auto-
toff_uv
Short
Bist_en
Shortcmp_en
retrial_
open
autotoff_
ot
open_en
autotoff_
open
0x84
0x04
GPIO_CTRL
fault_n_config
mode3D_config
mode3D
DCDCEN_config
DCDCEN
0x00
0x05
FB_SEL_1
fb_sel[8]
fb_sel[7]
fb_sel[6]
fb_sel[5]
fb_sel[4]
fb_sel[3]
fb_sel[2]
fb_sel[1]
0x00
0x06
FB_SEL_2
fb_sel[16] fb_sel[15] fb_sel[14] fb_sel[13] fb_sel[12] fb_sel[11] fb_sel[10] fb_sel[9]
0x00
0x07
CURR_CTRL
Sel_ac
Fb_ac_off Ib_comp
DACref
_buffer
DACref
slew_rate
0x00
0x08 SHORTLED_1 shortled_8 shortled_7 shortled_6
shor-
tled_5
shortled_4 shortled_3 shortled_2 shortled_1
0x00
0x09 SHORTLED_2 shortled_
16
shortled_
15
shortled_
14
shortled_
13
shortled_
12
shortled_
11
shortled_
10
shortled_
9
0x00
0x0A
OPENLED_1
open_8
open_7
open_6
open_5
open_4
open_3
open_2
open_1
0x00
0x0B
OPENLED_2
open_16
open_15
open_14
open_13
open_12
open_11
open_10
open_9
0x00
0x0C
VDAC_H
DAC[9]
DAC[8]
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
0x80
0x0D
VDAC_L
DAC[1]
DAC[0]
0x00
0x0E
FB_ON_1
fb_cur8
fb_cur7
fb_cur6
fb_cur5
fb_cur4
fb_cur3
fb_cur2
fb_cur1
0x00
0x0F
FB_ON_2
fb_cur16
fb_cur15
fb_cur14
fb_cur13
fb_cur12
fb_cur11
fb_cur10
fb_cur9
0x00
0x10
IDAC_FB1_
COUNTER
idac_fb1_counter[7:0]
0x00
0x11
IDAC_FB2_
COUNTER
idac_fb2_counter[7:0]
0x00
0x12
FBLOOP_
CTRL
Vtrip
FB_cnt_
man_fb2
FB_cnt_
man_fb1
fbcounter_dn_time
fbcounter_up_time
0x05
0x13
PWM_CTRL
DPLL_
per_sel
clock
src1
pwm_rev
vsync_
det
vsync_
edge
direct_
pwm
update_
mode
clock
src0
0x00
0x14
PWMperi-
odLSB
pwm
per7
pwm
per6
pwm
per5
pwm
per4
pwm
per3
pwm
per2
pwm
per1
pwm
per0
0x00
0x15
PWMperi-
odMSB
0
0
0
pwm
per12
pwm
per11
pwm
per10
pwm
per9
pwm
per8
0x00
0x16 PWM1delLSB
pwm1
del7
pwm1
del6
pwm1
del5
pwm1
del4
pwm1
del3
pwm1
del2
pwm1
del1
pwm1
del0
0x00
0x17 PWM1delMSB
0
0
0
0
pwm1
del11
pwm1
del10
pwm1
del9
pwm1
del8
0x00
0x18 PWM2delLSB
pwm2
del7
pwm2
del6
pwm2
del5
pwm2
del4
pwm2
del3
pwm2
del2
pwm2
del1
pwm2
del0
0x00
0x19 PWM2delMSB
0
0
0
0
pwm2
del11
pwm2
del10
pwm2
del9
pwm2
del8
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com