Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 24 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 24 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 20Page - Dialog Semiconductor AS3820 Datasheet HTML 21Page - Dialog Semiconductor AS3820 Datasheet HTML 22Page - Dialog Semiconductor AS3820 Datasheet HTML 23Page - Dialog Semiconductor AS3820 Datasheet HTML 24Page - Dialog Semiconductor AS3820 Datasheet HTML 25Page - Dialog Semiconductor AS3820 Datasheet HTML 26Page - Dialog Semiconductor AS3820 Datasheet HTML 27Page - Dialog Semiconductor AS3820 Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
24 of 52
05-Feb-2019
If UPDATEmode = 0 new data from the serial interface are store immediately after xCS goes high and will take effect
after current PWM cycle is finished. In this mode the values in the PWMxdel registers are ignored. There will be no
Delay on the PWM signals.
Figure 8.8 : UPDATE mode
The PWMxHT-values are double buffered. HighTime values for the next VSYNC can be written even when the current
HighTime is not finished.
Within the first two HSYNC pulses after rising VSYNC no SPI data transfer is allowed.
8.2.5 Direct PWM Mode
The internal signals PWMx can also be direct applied at the VSYNC input if the bit Direct_PWM =1.
In this mode the default driver has the following configuration:
• All current outputs are ON
• All feedback controls are enabled and connected to FB1
• Open LED detection is enabled
• Open LED detection auto turn OFF function is enabled
• Open LED detection retrial function is enabled
• Short LED detection (Short-COMP) is enabled
• Short LED detection auto turn OFF function is enabled
• Undervoltage lockout and overtemperature detection are enabled
In this mode the device starts with default settings and can still be programmed via SPI.
(&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com