Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 40Page - Dialog Semiconductor AS3820 Datasheet HTML 41Page - Dialog Semiconductor AS3820 Datasheet HTML 42Page - Dialog Semiconductor AS3820 Datasheet HTML 43Page - Dialog Semiconductor AS3820 Datasheet HTML 44Page - Dialog Semiconductor AS3820 Datasheet HTML 45Page - Dialog Semiconductor AS3820 Datasheet HTML 46Page - Dialog Semiconductor AS3820 Datasheet HTML 47Page - Dialog Semiconductor AS3820 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
44 of 52
05-Feb-2019
0
10
20
30
40
50
60
0
10
20
30
40
50
60
Area [cm2]
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
Power Dissipation [W]
0x0mm
10x10mm
20x20mm
30x30mm
40x40mm
50x50mm
60x60mm
70x70mm
Figure 8.32 : Tcase vs Power QFN48 with Different Copper Area, Tamb = 25°C
Figure 8.33 : Rth_CA [°C/W] vs Copper Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com