Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 16Page - Dialog Semiconductor AS3820 Datasheet HTML 17Page - Dialog Semiconductor AS3820 Datasheet HTML 18Page - Dialog Semiconductor AS3820 Datasheet HTML 19Page - Dialog Semiconductor AS3820 Datasheet HTML 20Page - Dialog Semiconductor AS3820 Datasheet HTML 21Page - Dialog Semiconductor AS3820 Datasheet HTML 22Page - Dialog Semiconductor AS3820 Datasheet HTML 23Page - Dialog Semiconductor AS3820 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
20 of 52
05-Feb-2019
Addr: 0x60
STATUS
Bit
Bit Name
Default
Access
Bit Description
7
STAT novsync
0
R
1...Indicates missing Vsync signal for
longer than 100ms
6
STAT OT
0
R
1...Indicates Overtemperature fault
happened
5
STAT Open
0
R
1...Indicates open detection fault happened
4
Short_bist
0
R
1...Indicates a short bist interrupt
3
Vcnt underflow
0
AS_WC
1...VSYNC signal to fast
2
Short2
0
AS_WC
1...Indicates short on channel group 2
1
Short1
0
AS_WC
1...Indicates short on channel group 1
0
Power_good
0
R
1...Power good. Indicates that VDD is
greater than VDD_UVL
Table 18: STATUS
Addr: 0x63
SHORT_BIST_CTRL1
Bit
Bit Name
Default
Access
Bit Description
7:5
000
R
Do not change
4
BIST_retrial
0
RW
0...No BIST retrial
1...Short BIST retrial after 1 second
3
BIST_steptime
0
RW
BIST counter step down time
0...64μs/step
1...128μs/step
2
Autotoff_BIST
0
RW
1...Shorted channels found by BIST are
turned OFF
1:0
BIST_wait
0
RW
Wait after max step down value of
counter is reached(1)
00...No wait
01...Wait 1 VSYNC pulse
10...Wait 2 VSYNC pulses
11...Wait 3 VSYNC pulses
Note 1.
This option is necessary for phase shifted PWM. To ensure each channel is tested.
Table 19: SHORT_BIST_CTRL1
Addr: 0x64
SHORT_BIST_MAXSTEP
Bit
Bit Name
Default
Access
Bit Description
7:0
BISTmaxstep
11111111
RW
Maximum down-counts of IDAC counter
during BIST
Table 20: SHORT_BIST_MAXSTEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com