Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 1 Page - Dialog Semiconductor

  AS3820 Datasheet HTML 1Page - Dialog Semiconductor AS3820 Datasheet HTML 2Page - Dialog Semiconductor AS3820 Datasheet HTML 3Page - Dialog Semiconductor AS3820 Datasheet HTML 4Page - Dialog Semiconductor AS3820 Datasheet HTML 5Page - Dialog Semiconductor AS3820 Datasheet HTML 6Page - Dialog Semiconductor AS3820 Datasheet HTML 7Page - Dialog Semiconductor AS3820 Datasheet HTML 8Page - Dialog Semiconductor AS3820 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
1 of 52
05-Feb-2019
1 Description
The AS3820 is a 16 channel precision LED controller for use in LCD-backlight panels.
Dynamic power feedback controls the external power supply to guarantee best efficiency. Built-in safety features
include thermal shutdown as well as open and short LED detection. The device is programmable via serial interface.
2 Features
● All LED backlight topologies
x
No limit of VLED or ILED, device is not exposed to
high voltage/high current
● Optimum power savings through local dimming
x
16 fully flexible 12 bit PWM generators (period, high
time, delay, reverse)
● Highest brightness uniformity
x
One global high accuracy 10 bit DAC which sets the
LED current (±0.5% accuracy)
● Full platform approach
x
Dedicated device family (AS382x)(1) is available, all
SW compatible
● Global dimming mode available
x
AS3820E is pre-programed to external PWM mode.
VSYNC pin is used as PWM input
● Synchronization with TV frame
x
VSYNC and HSYNC inputs available as well as a
digital PLL integrated(2)
● Lowest BOM
x
Due to 2 pin concept of the output channel: no HV
protection, no cascade FETs
● Digital enhanced DC-DC feedback
x
Feedback function is compatible to every DC-DC
architecture and configurable via SPI(2)
● On chip safety features
x
Short/open LED detection, temperature shutdown,
register lock/unlock, SPI transfer checksum
3 Applications
● The AS3820 is suitable for LED backlighting for LCD
such as TV sets and monitors.
Notes:
Note 1. The device family AS382x includes AS3820 and AS3824.
Note 2. Patent protected


Similar Part No. - AS3820

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3822 AMSCO-AS3822 Datasheet
125Kb / 2P
8 channel white LED controller for LCD backlight
6??2??7
AS3823 AMSCO-AS3823 Datasheet
123Kb / 2P
6-channel white LED controller for LCD backlight
6??2??7
logo
Renesas Technology Corp
AS3824 RENESAS-AS3824 Datasheet
334Kb / 2P
16-Channel White LED Controller for LCD Backlight
Jul 17, 2024
More results

Similar Description - AS3820

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693A AMSCO-AS3693A Datasheet
71Kb / 3P
16 channel high precision LED driver for LCD backlight
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
ams AG
AS3693B AMSCO-AS3693B Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3693B1 AMSCO-AS3693B1 Datasheet
4Mb / 34P
16 Channel high precision LED driver for LCD Backlight
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
AS3695C AMSCO-AS3695C Datasheet
2Mb / 40P
16 channel white LED controller for LCD backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
ams AG
AS3822 AMSCO-AS3822 Datasheet
125Kb / 2P
8 channel white LED controller for LCD backlight
6??2??7
AS3823 AMSCO-AS3823 Datasheet
123Kb / 2P
6-channel white LED controller for LCD backlight
6??2??7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com