Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 12Page - Dialog Semiconductor AS3820 Datasheet HTML 13Page - Dialog Semiconductor AS3820 Datasheet HTML 14Page - Dialog Semiconductor AS3820 Datasheet HTML 15Page - Dialog Semiconductor AS3820 Datasheet HTML 16Page - Dialog Semiconductor AS3820 Datasheet HTML 17Page - Dialog Semiconductor AS3820 Datasheet HTML 18Page - Dialog Semiconductor AS3820 Datasheet HTML 19Page - Dialog Semiconductor AS3820 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
16 of 52
05-Feb-2019
Addr: 0x04
GPIO_CTRL
Bit
Bit Name
Default
Access
Bit Description
7:6
xFAULT_config
0
RW
Output configuration pin xFAULT:
00...Open Drain
01...Push/Pull
10...Hi-Z, input only
11...No effect
5:4
Mode3D_config
0
RW
Output configuration pin Mode3D:
00...Open Drain
01...Push/Pull
10...Hi-Z, input only, SHORT COMP 2
INPUT enabled
11...No effect
3
Mode3D
0
RW
0...Pin Mode3D = 0
1...Pin Mode3D = 1
2:1
DCDCEN_config
0
RW
Output configuration pin DCDCEN:
00...Open Drain
01...Push/Pull
10...Hi-Z, input only, SHORT COMP 1
INPUT
enabled
11...No effect
0
DCDCEN
0
RW
0...Pin DCDCEN = 0
1...Pin DCDCEN = 1
Table 4: FB_SEL1
Addr: 0x05
FB_SEL1
Bit
Bit Name
Default
Access
Bit Description
7:0
Fb_sel_1 – Fb_sel_8
00000000
RW
Select FB-channel for current outputs 1 to 8
0...Select FB channel FB1 and
short-comparator group 1
1...Select FB channel FB2 and
short-comparator group 2
Table 5: FB_SEL1
Addr: 0x06
FB_SEL2
Bit
Bit Name
Default
Access
Bit Description
7:0
Fb_sel_9 – Fb_sel_16
00000000
RW
Select FB-channel for current outputs 9 to 16
0...Select FB channel FB1 and
short-comparator group 1
1...Select FB channel FB2 and
short-comparator group 2
Table 6: FB_SEL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com