Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 34Page - Dialog Semiconductor AS3820 Datasheet HTML 35Page - Dialog Semiconductor AS3820 Datasheet HTML 36Page - Dialog Semiconductor AS3820 Datasheet HTML 37Page - Dialog Semiconductor AS3820 Datasheet HTML 38Page - Dialog Semiconductor AS3820 Datasheet HTML 39Page - Dialog Semiconductor AS3820 Datasheet HTML 40Page - Dialog Semiconductor AS3820 Datasheet HTML 41Page - Dialog Semiconductor AS3820 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
38 of 52
05-Feb-2019
8.8.3 SPI Device Address Enumeration
The device address of each driver is automatically set by the position of the device in the chain.
The first device has DevAddr = 0x01, the second device has DevAddr = 0x02 and so on. Device Addresses 0x00 and
0x3F are used for special broadcast writing commands described below.
8.8.4 SPI Protocol
Data Types
When xCS=0 all slaves will be activated. The addressing and data section is organized in byte packages. Each
message can be built with the following bytes:
B
S
DevAddr[5:0]
Addresses a specific driver and defines protocol information
Bit
Meaning
Value
B
Broadcast
B=1...Broadcast message to all devices
B=0...Normal message to one single device
S
Singlebyte
S=0...Block data read or write
S=1...Single data transmission (only one byte)
DevAddr[5:0]
Device Address
0x00 Write/read same data to same register of all devices (B=1)
0x01 to 0x3E. Device addresses for device 1 to 62
0x3F Write different data to same register of all devices (B=1)
Table 1: Device Address
NrOfdata[7:0]
Defines the number of data bytes in the data frame if S=0
Bit
Meaning
Value
NrOfdata[7:0]
Number of data
bytes in frame
0x00 to 0xFF
Table 2: Number of Data
RW
RegAddr[6:0]
Register address to be read or written
Bit
Meaning
Value
RW
Read/Write
RW=0 Write to register address
RW=1 Read from register address
RegAddr[6:0]
Select register
address
0x00 to 0x60
Table 3: Register Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com