Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 10Page - Dialog Semiconductor AS3820 Datasheet HTML 11Page - Dialog Semiconductor AS3820 Datasheet HTML 12Page - Dialog Semiconductor AS3820 Datasheet HTML 13Page - Dialog Semiconductor AS3820 Datasheet HTML 14Page - Dialog Semiconductor AS3820 Datasheet HTML 15Page - Dialog Semiconductor AS3820 Datasheet HTML 16Page - Dialog Semiconductor AS3820 Datasheet HTML 17Page - Dialog Semiconductor AS3820 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
14 of 52
05-Feb-2019
The DAC output voltage can be calculated with:
DACref
VDAC = _________ × DAC
1024
DAC...10-bit data value
DACref...DAC reference voltage 500mV or 800mV
8.1.7 Registers in Current Output Stage
The access mode explanation is as follows:
R:
Read only
RW, R/W:
Read and write
RWL:
Read and write with lock
ACS_WC:
Auto clear and set, write clear
RW_AC:
Read and write, auto clear
RW_AS:
Read and write, auto set
R/WC:
Read and write clear
PUSH:
Write
Addr: 0x01
CUR_ON_1
Bit
Bit Name
Default
Access
Bit Description
7:0
CURR1 - CURR8
00000000
RW_AC
Enables or disables current outputs.
0: Output OFF
1: Output ON
Table 1: CUR_ON_1
Addr: 0x02
CUR_ON_2
Bit
Bit Name
Default
Access
Bit Description
7:0
CURR9 - CURR16
00000000
RW_AC
Enables or disables current outputs.
0: Output OFF
1: Output ON
Table 2: CUR_ON_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com