Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 15Page - Dialog Semiconductor AS3820 Datasheet HTML 16Page - Dialog Semiconductor AS3820 Datasheet HTML 17Page - Dialog Semiconductor AS3820 Datasheet HTML 18Page - Dialog Semiconductor AS3820 Datasheet HTML 19Page - Dialog Semiconductor AS3820 Datasheet HTML 20Page - Dialog Semiconductor AS3820 Datasheet HTML 21Page - Dialog Semiconductor AS3820 Datasheet HTML 22Page - Dialog Semiconductor AS3820 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
19 of 52
05-Feb-2019
Addr: 0x10
IDAC_FB1_COUNTER
Bit
Bit Name
Default
Access
Bit Description
7:0
IDAC_FB1_COUNTER
00000000
RW
Feedback 1 counter value. Can be
overwritten if
Fb_cnt_man_fb1 = 1
0x00... FB-current 0μA
0xFF... FB-current 255μA
Table 15: IDAC_FB1_COUNTER
Addr: 0x11
IDAC_FB12_COUNTER
Bit
Bit Name
Default
Access
Bit Description
7:0
IDAC_FB2_COUNTER
00000000
RW
Feedback 1 counter value. Can be
overwritten if
Fb_cnt_man_fb2 = 1
0x00... FB-current 0μA
0xFF... FB-current 255μA
Table 16: IDAC_FB2_COUNTER
Addr: 0x12
FBLOOP_CTRL
Bit
Bit Name
Default
Access
Bit Description
7:6
Vtrip
00
RW
Select gate trip voltage for feedback
00...5*(VDD/6)
01... 4*(VDD/6)
10... 3*(VDD/6)
11... 2*(VDD/6)
5
Fb_cnt_man_fb2
0
RW
0...FB2 counter runs automatically in
feedback loop
1...FB2 counter is set manual
4
Fb_cnt_man_fb1
0
RW
0...FB1 counter runs automatically in
feedback loop
1...FB1 counter is set manual
3:2
Fbcount_dn_time
01
RW
FB1 and FB2 counter down counting
clock cycle(1)
00...512μs
01...2048μs
10...4096μs
11...8192μs
1:0
Fbcount_up_time
01
RW
FB1 and FB2 counter up counting clock
cycle
00...1024μs
01... 256μs
10... 64μs
11... 16μs
Note 1.
Down counting starts after 200ms delay time.
Table 17: FBLOOP_CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com