Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 6Page - Dialog Semiconductor AS3820 Datasheet HTML 7Page - Dialog Semiconductor AS3820 Datasheet HTML 8Page - Dialog Semiconductor AS3820 Datasheet HTML 9Page - Dialog Semiconductor AS3820 Datasheet HTML 10Page - Dialog Semiconductor AS3820 Datasheet HTML 11Page - Dialog Semiconductor AS3820 Datasheet HTML 12Page - Dialog Semiconductor AS3820 Datasheet HTML 13Page - Dialog Semiconductor AS3820 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
10 of 52
05-Feb-2019
7.1 Pin Equivalent Circuits
Figure 7.2 : Pin Equivalent Circuits
7V
VDD
GND
7V
V3_2
GND
7V
V3_2
GND
7V
V3_2
GND
7V
V3_2
GND
7V
V3_2
GND
7V
GND
7V
VDD
GND
VDD
Digital Input
Digital Input with PullUp
Digital Input with PullDown
Digital inputs HSYNC,VSYNC
Digital output Push/Pull
Digital output open drain
Feedback output
Analog I/O
7V
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com