Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 18Page - Dialog Semiconductor AS3820 Datasheet HTML 19Page - Dialog Semiconductor AS3820 Datasheet HTML 20Page - Dialog Semiconductor AS3820 Datasheet HTML 21Page - Dialog Semiconductor AS3820 Datasheet HTML 22Page - Dialog Semiconductor AS3820 Datasheet HTML 23Page - Dialog Semiconductor AS3820 Datasheet HTML 24Page - Dialog Semiconductor AS3820 Datasheet HTML 25Page - Dialog Semiconductor AS3820 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
22 of 52
05-Feb-2019
8.2 PWM Generators
Figure 8.5 : PWM Generators
8.2.1 Clock and Reset
The clock for the built-in PWM generators can be one of the three different sources listed below:
● Internal RC oscillator with 500kHz
● External clock signal. This is usually the HSYNC signal of the TV
● Digital PLL (DPLL) clock derived from VSYNC
8.2.2 Digital PLL
A DPLL can be used to generate the PWM generator counter clock with a frequency that is a multiple of the VSYNC
frequency. The frequency multiplication factor can be controlled to be either “PWMperiod” or “PLLmulti” by control bit
“PLL_per_sel”.
By default “PLL_per_sel”=”0” to control the frequency by “PWMperiod” which also defines the period for the PWM generators.
If necessary, control bit “PLL_per_sel” can be set to control the frequency multiplication by register “PLLmulti” with 16-bit
resolution and independently of PWMperiod.
PLL_per_sel=0 (default):
fDPLLout fVSYNC PWMperiod
×
=
PLL_per_sel=1:
fDPLLout fVSYNC PLLmulti
×
=
The VSYNC frequency is determined by measuring the VSYNC period with an internal clock. Since the internal clock
and the external VSYNC signal are asynchronous, the result of the measurement will jitter by one internal clock cycle.
Therefore the generated DPLL-frequency jitters by one clock cycle.
C
C
C
C
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com