Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 4Page - Dialog Semiconductor AS3820 Datasheet HTML 5Page - Dialog Semiconductor AS3820 Datasheet HTML 6Page - Dialog Semiconductor AS3820 Datasheet HTML 7Page - Dialog Semiconductor AS3820 Datasheet HTML 8Page - Dialog Semiconductor AS3820 Datasheet HTML 9Page - Dialog Semiconductor AS3820 Datasheet HTML 10Page - Dialog Semiconductor AS3820 Datasheet HTML 11Page - Dialog Semiconductor AS3820 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
8 of 52
05-Feb-2019
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Current Outputs (cont’d)
LED Current Accuracy Over VDAC
I800_ALL
DACref = 800mV,
VDAC = 200mV - 800mV,
TJ = 25°C
(excluding error of external Rset)
-1.5
+1.5
%
LED Current Accuracy Over VDAC and
Temperature
I800_TEMP
DACref = 800mV,
VDAC = 200mV - 800mV,
TJ = -20°C to 115°C
(excluding error of external Rset)
-2
+2
%
Output current pin Gx
IGX
3
4
mA
Output resistor pin Gx
RGX
1.0
1.3
kW
Output voltage pin Gx
Vgx
Igx = 0mA
VDD
V
Feedback Circuit, Fault Detectors
Feedback Current Maximum
IFBMAX
VFB_X > 0.25V
255
m
A
Step Size of FB Counter (LSB)
FB_IDAC_LSB
1
m
A
Overtemperature Limit
TOVTEMP
130
140
150
°C
Overtemperature Hysteresis
THYST
10
°C
Minimum Time to Detect Short
tSHORT_MIN
300
m
s
PWM Generators
Internal Clock for PWM
fOSC
400
500
600
kHz
HSYNC Frequency
fHSYNC
100
2000
kHz
VSYNC Frequency
fVSYNC
60
480
Hz
Digital Pins
High Level Input Voltage
VIH
1.3
V3_2
+ 0.3
V
Low Level Input Voltage
VIL
-0.3
0.8
V
High Level Output Voltage
VOH
I = 2mA
V3_2
- 0.3
V
Low Level Output Voltage
VOL
I = 2mA
0.3
V
Low Level Output Voltage Open Drain
Outputs
VOL_PD
I = 2mA
0.3
V
Input Resistance Pullup Inputs
R_PU
300
kΩ
Input Resistance Pulldown Inputs
R_PD
300
kΩ
VCC = 12V, -40°C ≤ TA ≤ 85°C, unless otherwise specified
Electrical Characteristics (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com