Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 17Page - Dialog Semiconductor AS3820 Datasheet HTML 18Page - Dialog Semiconductor AS3820 Datasheet HTML 19Page - Dialog Semiconductor AS3820 Datasheet HTML 20Page - Dialog Semiconductor AS3820 Datasheet HTML 21Page - Dialog Semiconductor AS3820 Datasheet HTML 22Page - Dialog Semiconductor AS3820 Datasheet HTML 23Page - Dialog Semiconductor AS3820 Datasheet HTML 24Page - Dialog Semiconductor AS3820 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
21 of 52
05-Feb-2019
Addr: 0x65
SHORT_BIST_CTRL2
Bit
Bit Name
Default
Access
Bit Description
7:6
00
R
Do not change
5
COMP_retrial
0
RW
0...No COMP retrial
1...Short COMP retrial after 1 second
4
Autotoff_COMP
0
RW
1...Shorted channels found by COMP
are turned OFF
3:0
COMP_LEVEL
1010
RW
Short detection voltage based on exter-
nal
100k resistor
0000...2V
0001...3V
0010...4V
0011...5V
0100...6V
0101...7V
0110...8V
0111...9V
1000...10V
1001...11V
1010...12V
1011...13V
1100...13V
1101...13V
1110...13V
1111...13V
Table 21: SHORT_BIST_CTRL2
Addr: 0x6C
COMPREG_1
Bit
Bit Name
Default
Access
Bit Description
7:0
CompReg1 – CompReg8
00000000
AS/AR
Status of trip comparator
Table 22: COMPREG_1
Addr: 0x6D
COMPREG_2
Bit
Bit Name
Default
Access
Bit Description
7:0
CompReg9 – CompReg16
00000000
AS/AR
Status of trip comparator
Table 23: COMPREG_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com