Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 3Page - Dialog Semiconductor AS3820 Datasheet HTML 4Page - Dialog Semiconductor AS3820 Datasheet HTML 5Page - Dialog Semiconductor AS3820 Datasheet HTML 6Page - Dialog Semiconductor AS3820 Datasheet HTML 7Page - Dialog Semiconductor AS3820 Datasheet HTML 8Page - Dialog Semiconductor AS3820 Datasheet HTML 9Page - Dialog Semiconductor AS3820 Datasheet HTML 10Page - Dialog Semiconductor AS3820 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
7 of 52
05-Feb-2019
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Thermal Resistance case – ambient
RTHCA
See section 8.10
°C/W
Junction Temperature
TJ
-20
115
°C
Supply Voltages
Supply Voltage
VDD
4.5
5.5
V
Voltage Regulator Output
V3_2
ILOAD = 20mA
3.0
3.2
3.4
V
Power-on Reset Level
V3_2_POR
Circuit stays in power down
until V3_2 reaches V3_2_POR
1.6
2.2
V
Under voltage Lockout Level
VDD_UVL
Current outputs are turned
OFF if VDD is lower than
VDD_UVL. This is done by
resetting the CURRx bits.
2.4
2.9
V
Quiescent Current, PWM = “0”
IDDQ
VDD = 5V, default setting
12
mA
Supply Current
IDDR
VDD = 5V, HSYNC =
1MHz, VSYNC = 480Hz,
Duty = 50%, VDAC = 250mV
13
mA
Current Outputs
Trimmed Current Accuracy at 25°C
ILED_500_250
Trimmed during production.
ILED = 100mA,
DACref = 500mV,
VDAC = 250mV,
TJ = 25°C
(excludingerrorofexternalRset)
-0.5
+0.5
%
Channel to Channel Accuracy at 25°C
ICH_250
ILED=100mA,
DACref = 500mV,
VDAC = 250mV, TJ = 25°C
(excludingerrorofexternalRset)
-0.2
+0.2
%
Current Accuracy Over VDAC
ILED_500_ALL
DACref = 500mV,
VDAC = 200mV - 500mV,
TJ = 25°C
(excludingerrorofexternalRset)
-1.5
+1.5
%
Current Accuracy Over VDAC and
Temperature
ILED_500_TMP
DACref = 500mV,
VDAC = 200mV – 500mV
TJ = -20°C to 115°C
(excludingerrorofexternalRset)
-2
+2
%
Trimmed Current Accuracy at 25°C
ILED_800_250
Trimmed during production.
ILED = 100mA,
DACref = 800mV,
VDAC = 250mV, TJ = 25°C
(excludingerrorofexternalRset)
-0.5
+0.5
%
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC
(Statistical Quality Control) methods. VCC = 12V, -40°C ≤ TA ≤ 85°C, unless otherwise specified.
6 Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com