Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 25Page - Dialog Semiconductor AS3820 Datasheet HTML 26Page - Dialog Semiconductor AS3820 Datasheet HTML 27Page - Dialog Semiconductor AS3820 Datasheet HTML 28Page - Dialog Semiconductor AS3820 Datasheet HTML 29Page - Dialog Semiconductor AS3820 Datasheet HTML 30Page - Dialog Semiconductor AS3820 Datasheet HTML 31Page - Dialog Semiconductor AS3820 Datasheet HTML 32Page - Dialog Semiconductor AS3820 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
29 of 52
05-Feb-2019
RegAddr: 0x35
RegAddr: 0x34
PWM16delay
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM16per[11:0] sets PWM16 delay
Table 41: PWM16delay
RegAddr: 0x36
LOCKUNLOCK
Bit
Bit Name
Default
Access
Bit Description
7:0
LOCKUNLOCK
0x00
RW
MagicByte to lock and unlock writing and
reading of registers
Writing into register:
0xCX...Unlock register Group1. Writing enabled
0xXA...Unlock register Group2. Writing enabled
0xCA...Unlock register Group1 and Group2.
Writing enabled
0xAX...Lock register Group1. Writing disabled
0xXC...Lock register Group2. Writing disabled
0xAC...Lock register Group1 and Group2.
Writing disabled
X...Don’t care.
All other values do not change the status
of LOCKUNLOCK.
Reading from register:
0x00....Group1 and Group2 are locked
0x01...Group1 is unlocked
0x02...Group2 is unlocked
0x03...Group1 and Group2 are unlocked
Table 42: LOCKUNLOCK
RegAddr: 0x38
RegAddr: 0x37
PWM1hightime
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM1HT[11:0] sets PWM1 high time
Table 43: PWM1hightime
RegAddr: 0x3A
RegAddr: 0x39
PWM2hightime
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM2HT[11:0] sets PWM2 high time
Table 44: PWM2hightime
RegAddr: 0x3C
RegAddr: 0x3B
PWM3hightime
Bit
Bit
Default
Access
Bit Description
3:0
7:0
0x00, 0x00
RW
PWM3HT[11:0] sets PWM3 high time
Table 45: PWM3hightime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com