Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 14Page - Dialog Semiconductor AS3820 Datasheet HTML 15Page - Dialog Semiconductor AS3820 Datasheet HTML 16Page - Dialog Semiconductor AS3820 Datasheet HTML 17Page - Dialog Semiconductor AS3820 Datasheet HTML 18Page - Dialog Semiconductor AS3820 Datasheet HTML 19Page - Dialog Semiconductor AS3820 Datasheet HTML 20Page - Dialog Semiconductor AS3820 Datasheet HTML 21Page - Dialog Semiconductor AS3820 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
18 of 52
05-Feb-2019
Addr: 0x0A
OPENLED_1
Bit
Bit Name
Default
Access
Bit Description
7:0
OPENLED_1 –
OPENLED_8
00000000
AS/WC
Indicates open LED condition on outputs
1 to 8
0...No open LED detected
1... Open LED detected
Table 10: OPENLED_1
Addr: 0x0B
OPENLED_2
Bit
Bit Name
Default
Access
Bit Description
7:0
OPENLED_9 –
OPENLED_16
00000000
AS/WC
Indicates open LED condition on outputs
9 to 16
0...No open LED detected
1... Open LED detected
Table 11: OPENLED_2
Addr: 0x0E
FB_ON_1
Bit
Bit Name
Default
Access
Bit Description
7:0
FB_CURR_1 –
FB_CURR _8
00000000
RW
Enables or disables feedback function of
output channels
0...No feedback function on CURRx
1... Function on CURRx
Table 12: FB_ON_1
Addr: 0x0F
FB_ON_2
Bit
Bit Name
Default
Access
Bit Description
7:0
FB_CURR_9 –
FB_CURR _16
00000000
RW
Enables or disables feedback function of
output channels
0...No feedback function on CURRx
1... Function on CURRx
Table 13: FB_ON_2
Addr: 0x0C
Addr: 0x0D
VDAC_H / VDAC_L
Bit
Bit
Default
Access
Bit Description
7:0
1:0
0X80, 0X00
RW
DAC input [9:0]
Table 14: VDAC_H / VDAC_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com