Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3820 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # AS3820
Description  16-Channel White LED Controller for LCD Backlight
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AS3820 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button AS3820 Datasheet HTML 8Page - Dialog Semiconductor AS3820 Datasheet HTML 9Page - Dialog Semiconductor AS3820 Datasheet HTML 10Page - Dialog Semiconductor AS3820 Datasheet HTML 11Page - Dialog Semiconductor AS3820 Datasheet HTML 12Page - Dialog Semiconductor AS3820 Datasheet HTML 13Page - Dialog Semiconductor AS3820 Datasheet HTML 14Page - Dialog Semiconductor AS3820 Datasheet HTML 15Page - Dialog Semiconductor AS3820 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
AS3820
16-Channel White LED Controller for LCD Backlight
Rev. 1.1
Datasheet
© 2019 Dialog Semiconductor
www.dialog-semiconductor.com
12 of 52
05-Feb-2019
8.1.4 Open LED Detection
If open led detection is enabled a broken LED-string is detected during PWM=1. If a LED-string is broken and the
feedback function is enabled, the “idac_fbx_counter” will count up in order to increase the power supply output volt-
age. After the “idac_fbx_counter” has reached its maximum value, a debounce counter is started. In order to run the
debounce counter, the corresponding PWM-signal has to be high for more than 150μs. After the debounce couter has
counted up for 32ms, the corresponding “OPENLED_x” bit is set and the output xFAULT = “0”.
Figure 8.2 : Open LED Detection
8.1.5 Short LED Detection
Short LED detection is implemented in two different ways:
1. With a built-in self-test (Short-BIST) circuit.
2. With two comparator inputs for monitoring external voltages (Short-COMP).
The external voltage is divided by an external resistor and an internal current source. The output of the comparators
only takes effect if all selected PWM-signals are “1” for a minimum time of “Tshortmin“ at the same time. The selection
of Short1 or Short2 Group is done by “fb_ON_x” and “fb_sel_X”.
F
'4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com