Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 35Page - Dialog Semiconductor AT25DF256 Datasheet HTML 36Page - Dialog Semiconductor AT25DF256 Datasheet HTML 37Page - Dialog Semiconductor AT25DF256 Datasheet HTML 38Page - Dialog Semiconductor AT25DF256 Datasheet HTML 39Page - Dialog Semiconductor AT25DF256 Datasheet HTML 40Page - Dialog Semiconductor AT25DF256 Datasheet HTML 41Page - Dialog Semiconductor AT25DF256 Datasheet HTML 42Page - Dialog Semiconductor AT25DF256 Datasheet HTML 43Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
38
AT25DF256
DS-25DF256–035D–2/2017
17.
Packaging Information
17.1 8S1 – JEDEC SOIC
DRAWING NO.
REV.
TITLE
GPC
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.10
–
0.25
A
1.35
–
1.75
b
0.31
–
0.51
C
0.17
–
0.25
D
4.80
–
5.05
E1
3.81
–
3.99
E
5.79
–
6.20
e
1.27 BSC
L
0.40
–
1.27
Ø
Ø
0°
–
8°
Ø
Ø
E
E
1
1
N
N
TOP VIEW
TOP VIEW
C
C
E1
E1
END VIEW
A
A
b
b
L
L
A1
A1
e
e
D
D
SIDE VIEW
SIDE VIEW
Package Drawing Contact:
contact@adestotech.com
8S1
G
8/20/14
Notes: This drawing is for general information only.
Refer to JEDEC Drawing MS-012, Variation AA
for proper dimensions, tolerances, datums, etc.
8S1, 8-lead (0.150”Wide Body), Plastic Gull
Wing Small Outline (JEDEC SOIC)
SWB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com