Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 21Page - Dialog Semiconductor AT25DF256 Datasheet HTML 22Page - Dialog Semiconductor AT25DF256 Datasheet HTML 23Page - Dialog Semiconductor AT25DF256 Datasheet HTML 24Page - Dialog Semiconductor AT25DF256 Datasheet HTML 25Page - Dialog Semiconductor AT25DF256 Datasheet HTML 26Page - Dialog Semiconductor AT25DF256 Datasheet HTML 27Page - Dialog Semiconductor AT25DF256 Datasheet HTML 28Page - Dialog Semiconductor AT25DF256 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
24
AT25DF256
DS-25DF256–035D–2/2017
When the device is in the Deep Power-Down mode, all commands including the Read Status Register command will be
ignored with the exception of the Resume from Deep Power-Down command. Since all commands will be ignored, the
mode can be used as an extra protection mechanism against program and erase operations.
Entering the Deep Power-Down mode is accomplished by simply asserting the CS pin, clocking in the opcode of B9h,
and then deasserting the CS pin. Any additional data clocked into the device after the opcode will be ignored. When the
CS pin is deasserted, the device will enter the Deep Power-Down mode within the maximum time of tEDPD.
The complete opcode must be clocked in before the CS pin is deasserted, and the CS pin must be deasserted on an
even byte boundary (multiples of eight bits); otherwise, the device will abort the operation and return to the standby mode
once the CS pin is deasserted. In addition, the device will default to the standby mode after a power-cycle.
The Deep Power-Down command will be ignored if an internally self-timed operation such as a program or erase cycle is
in progress. The Deep Power-Down command must be reissued after the internally self-timed operation has been
completed in order for the device to enter the Deep Power-Down mode.
Figure 12-3. Deep Power-Down
12.4 Resume from Deep Power-Down
In order to exit the Deep Power-Down mode and resume normal device operation, the Resume from Deep Power-Down
command must be issued. The Resume from Deep Power-Down command is the only command that the device will
recognized while in the Deep Power-Down mode.
To resume from the Deep Power-Down mode, the CS pin must first be asserted and opcode of ABh must be clocked into
the device. Any additional data clocked into the device after the opcode will be ignored. When the CS pin is deasserted,
the device will exit the Deep Power-Down mode within the maximum time of tRDPD and return to the standby mode. After
the device has returned to the standby mode, normal command operations such as Read Array can be resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, or if the CS pin is not deasserted on an even
byte boundary (multiples of eight bits), then the device will abort the operation and return to the Deep Power-Down
mode.
SCK
CS
SI
SO
MSB
ICC
23
1
0
10111001
67
5
4
OPCODE
HIGH-IMPEDANCE
Standby Mode Current
Active Current
Deep Power-Down Mode Current
tEDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com