Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 3Page - Dialog Semiconductor AT25DF256 Datasheet HTML 4Page - Dialog Semiconductor AT25DF256 Datasheet HTML 5Page - Dialog Semiconductor AT25DF256 Datasheet HTML 6Page - Dialog Semiconductor AT25DF256 Datasheet HTML 7Page - Dialog Semiconductor AT25DF256 Datasheet HTML 8Page - Dialog Semiconductor AT25DF256 Datasheet HTML 9Page - Dialog Semiconductor AT25DF256 Datasheet HTML 10Page - Dialog Semiconductor AT25DF256 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
6
AT25DF256
DS-25DF256–035D–2/2017
6.
Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS pin has been asserted,
the host controller must then clock out a valid 8-bit opcode on the SPI bus. Following the opcode, instruction dependent
information such as address and data bytes would then be clocked out by the host controller. All opcode, address, and
data bytes are transferred with the most-significant bit (MSB) first. An operation is ended by deasserting the CS pin.
Opcodes not supported by the AT25DF256 will be ignored by the device and no operation will be started. The device will
continue to ignore any data presented on the SI pin until the start of the next operation (CS pin being deasserted and
then reasserted). In addition, if the CS pin is deasserted before complete opcode and address information is sent to the
device, then no operation will be performed and the device will simply return to the idle state and wait for the next
operation.
Addressing of the device requires a total of three bytes of information to be sent, representing address bits A23-A0.
Since the upper address limit of the AT25DF256 memory array is 007FFFh, address bits A23-A15 are always ignored by
the device.
Table 6-1.
Command Listing
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes
Read Commands
Read Array
0Bh
0000 1011
Up to 104 MHz
3
1
1+
03h
0000 0011
Up to 33 MHz
3
0
1+
Dual Output Read
3Bh
0011 1011
Up to 50 MHz
3
1
1+
Program and Erase Commands
Page Erase
81h
1000 0001
Up to 104 MHz
3
0
0
Block Erase (4 Kbytes)
20h
0010 0000
Up to 104 MHz
3
0
0
Block Erase (32 Kbytes)
52h
0101 0010
Up to 104 MHz
3
0
0
D8h
1101 1000
Up to 104 MHz
3
0
0
Chip Erase
60h
0110 0000
Up to 104 MHz
0
0
0
C7h
1100 0111
Up to 104 MHz
0
0
0
Chip Erase (Legacy Command)
62h
0110 0010
Up to 104 MHz
0
0
0
Byte/Page Program (1 to 256 Bytes)
02h
0000 0010
Up to 104 MHz
3
0
1+
Protection Commands
Write Enable
06h
0000 0110
Up to 104 MHz
0
0
0
Write Disable
04h
0000 0100
Up to 104 MHz
0
0
0
Security Commands
Program OTP Security Register
9Bh
1001 1011
Up to 104 MHz
3
0
1+
Read OTP Security Register
77h
0111 0111
Up to 104 MHz
3
2
1+
Status Register Commands
Read Status Register
05h
0000 0101
Up to 104 MHz
0
0
1+
Write Status Register Byte 1
01h
0000 0001
Up to 104 MHz
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com