Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF256 Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button AT25DF256 Datasheet HTML 24Page - Dialog Semiconductor AT25DF256 Datasheet HTML 25Page - Dialog Semiconductor AT25DF256 Datasheet HTML 26Page - Dialog Semiconductor AT25DF256 Datasheet HTML 27Page - Dialog Semiconductor AT25DF256 Datasheet HTML 28Page - Dialog Semiconductor AT25DF256 Datasheet HTML 29Page - Dialog Semiconductor AT25DF256 Datasheet HTML 30Page - Dialog Semiconductor AT25DF256 Datasheet HTML 31Page - Dialog Semiconductor AT25DF256 Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
27
AT25DF256
DS-25DF256–035D–2/2017
Figure 12-7. Exit Ultra-Deep Power-Down (Chip Select Low)
Power Cycling
The device can also exit the Ultra Deep Power Mode by power cycling the device. The system must wait for the device to
return to the standby mode before normal command operations can be resumed. Upon recovery from Ultra Deep Power
Down all internal registers will be at there Power-On default state.
12.7 Hold
The HOLD pin is used to pause the serial communication with the device without having to stop or reset the clock
sequence. The Hold mode, however, does not have an affect on any internally self-timed operations such as a program
or erase cycle. Therefore, if an erase cycle is in progress, asserting the HOLD pin will not pause the operation, and the
erase cycle will continue until it is finished.
The Hold mode can only be entered while the CS pin is asserted. The Hold mode is activated simply by asserting the
HOLD pin during the SCK low pulse. If the HOLD pin is asserted during the SCK high pulse, then the Hold mode won’t be
started until the beginning of the next SCK low pulse. The device will remain in the Hold mode as long as the HOLD pin
and CS pin are asserted.
While in the Hold mode, the SO pin will be in a high-impedance state. In addition, both the SI pin and the SCK pin will be
ignored. The WP pin, however, can still be asserted or deasserted while in the Hold mode.
To end the Hold mode and resume serial communication, the HOLD pin must be deasserted during the SCK low pulse. If
the HOLD pin is deasserted during the SCK high pulse, then the Hold mode won’t end until the beginning of the next SCK
low pulse.
If the CS pin is deasserted while the HOLD pin is still asserted, then any operation that may have been started will be
aborted, and the device will reset the WEL bit in the Status Register back to the logical “0” state.
Figure 12-8. Hold Mode
CS
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
tXUDPD
SCK
CS
HOLD
Hold
Hold
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com